Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154BC Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 154BC
Description  316L Stainless Steel or Titanium
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

154BC Datasheet(HTML) 3 Page - TE Connectivity Ltd

  154BC Datasheet HTML 1Page - TE Connectivity Ltd 154BC Datasheet HTML 2Page - TE Connectivity Ltd 154BC Datasheet HTML 3Page - TE Connectivity Ltd 154BC Datasheet HTML 4Page - TE Connectivity Ltd 154BC Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
154BC
SENSOR SOLUTIONS ///154BC
9/201
Page 3
PERFORMANCE SPECIFICATIONS
Supply Current: 1.5 mA
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Span
75
100
150
mV
1
Zero Pressure Output
-1.0
0
1.0
mV
2
Pressure Non Linearity
-0.30
0.30
%Span
3
Pressure Hysteresis
-0.20
0.20
%Span
Repeatability
±0.02
%Span
Input Resistance
2.0
3.5
5.8
k
3
Output Resistance
3.0
6.0
k
Temperature Error
– Span
-1.0
1.0
%Span
4
Temperature Error
– Offset
-1.0
1.0
%Span
4
Thermal Hysteresis
– Span
-0.25
±0.05
0.25
%Span
4
Thermal Hysteresis
– Offset
-0.25
±0.05
0.25
%Span
4
Long Term Stability
– Span
±0.10
%Span/Year
Long Term Stability
– Offset
±0.25
%Span/Year
Supply Current
0.5
1.5
2.0
mA
5
Output Load Resistance
5
M
6
Insulation Resistance (50Vdc)
50
M
7
Output Noise (10Hz to 1kHz)
1.0
uV p-p
Response Time (10% to 90%)
0.1
ms
Overload Pressure
2X
Rated
8
Burst Pressure
3X
Rated
9
Compensated Temperature
-20
+85
°C
Operating Temperature
-40
+125
ºC
10
Storage Temperature
-50
+125
ºC
10
Media
– Pressure Port
Liquids and Gases compatible with 316L Stainless Steel or ASTM Grade 2 CP Titanium
Notes
1.
For amplified output circuits, 3.012V ±1% interchangeability with gain set resistor. See application schematic.
2.
Measured at vacuum for absolute (A), ambient for gage (G).
3.
Best fit straight line.
4.
Over the compensated temperature range with respect to 25°C.
5.
Guarantees output/input ratiometricity.
6.
Load resistance to reduce measurement errors due to output loading.
7.
Between case and sensing element.
8.
2X or 500psi, whichever
is less. The maximum pressure that can be applied without changing the transducer’s performance or accuracy.
9.
3X or 600psi, whichever is less. The maximum pressure that can be applied to a transducer without rupture of either the sensing element
or transducer.
10. Maximum temperature range for product with standard cable and connector is -20°C to +105°C.


Similar Part No. - 154BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
154B ETC2-154B Datasheet
261Kb / 2P
   D.C. Filter (153-159 Series)
logo
Hammond Manufacturing L...
154B HAMMOND-154B Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
More results

Similar Description - 154BC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-8151H ADVANTECH-FPM-8151H_V01 Datasheet
362Kb / 2P
   15 XGA Industrial Monitor with 316L Stainless Steel Front Panel for Hazardous Environments
27-Jun-2018
FPM-8151H ADVANTECH-FPM-8151H_15 Datasheet
376Kb / 2P
   15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H ADVANTECH-FPM-8151H Datasheet
563Kb / 2P
   15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H ADVANTECH-FPM-8151H_16 Datasheet
325Kb / 2P
   15' XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com