Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154N Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 154N
Description  19mm Diameter Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

154N Datasheet(HTML) 2 Page - TE Connectivity Ltd

  154N Datasheet HTML 1Page - TE Connectivity Ltd 154N Datasheet HTML 2Page - TE Connectivity Ltd 154N Datasheet HTML 3Page - TE Connectivity Ltd 154N Datasheet HTML 4Page - TE Connectivity Ltd 154N Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
154N
Constant Voltage
SENSOR SOLUTIONS ///154N
9/2015
Page 2
-40ºC to +125ºC Operating
Temperature Range
Up to ±0.1% Pressure Non Linearity
Solid State Reliability
APPLICATIONS
Medical Instruments
Process Control
Fresh & Waste Water Measurements
Refrigeration/Compressors
Pressure Transmitters
Hydraulic Controls
STANDARD RANGES
Range
psia
psig
0 to 1
0 to 5
0 to 15
0 to 30
0 to 50
0 to 100
0 to 300
0 to 500
PERFORMANCE SPECIFICATIONS
Supply Voltage: 10Vdc


Similar Part No. - 154N

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
154NCV TEC-154NCV Datasheet
144Kb / 5P
   Temperature Compensated
More results

Similar Description - 154N

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
logo
List of Unclassifed Man...
K2142WHI ETC2-K2142WHI Datasheet
104Kb / 1P
   MOULDED BOXES 19mm
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
   Illuminated Pushbutton - 16mm & 19mm
AH1NAS CIT-AH1NAS_17 Datasheet
313Kb / 5P
   Illuminated Pushbutton - 19mm
logo
CTS Corporation
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
logo
IDEA.lnc.
IID2151 IDEA-IID2151 Datasheet
37Kb / 2P
   T-1, 3 mm diameter package
logo
Elite Enterprises (H.K....
1P00S6W33B0CA0Z1 ELITE-1P00S6W33B0CA0Z1 Datasheet
435Kb / 8P
   Standard 7.62*7.62*3.5mm diameter package
logo
Transko Electronics, In...
OX-C TRANSKO-OX-C Datasheet
420Kb / 2P
   OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com