Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1220 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1220
Description  Gage, Absolute, and Differential
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1220 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1220 Datasheet HTML 1Page - TE Connectivity Ltd 1220 Datasheet HTML 2Page - TE Connectivity Ltd 1220 Datasheet HTML 3Page - TE Connectivity Ltd 1220 Datasheet HTML 4Page - TE Connectivity Ltd 1220 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1220
Standard
SENSOR SOLUTIONS /// 1220
9/2015
Page 2
FEATURES
Dual-in-Line Package
0ºC to 50ºC Compensated
Temperature Range
±0.1% Non Linearity
1.0% Interchangeable Span
(provided by current set resistor)
Solid State Reliability
APPLICATIONS
Medical Instruments
Airspeed and Altitude Measurements
Process Control
Factory Automation
Vacuum Measurement
Handheld Calibrators
STANDARD RANGES
Range
psia
psid
psig
0 to 2
0 to 5
0 to 15
0 to 30
0 to 50
0 to 100


Similar Part No. - 1220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
1220 HP-1220 Datasheet
736Kb / 2P
   AGILENT 1220 INFINITY II HPLC SYSTEM FOR CANNABINOID POTENCY TESTING
logo
Heyco.
1220 HEYCO-1220 Datasheet
129Kb / 1P
   Original Strain Relief Bushings
logo
Bourns Electronic Solut...
1220 BOURNS-1220 Datasheet
675Kb / 11P
   1220 TPMOV Surge Protective Device
Mar 31, 2015
1220-10-I1-480M1 BOURNS-1220-10-I1-480M1 Datasheet
675Kb / 11P
   1220 TPMOV Surge Protective Device
Mar 31, 2015
1220-10-I1-600M1 BOURNS-1220-10-I1-600M1 Datasheet
675Kb / 11P
   1220 TPMOV Surge Protective Device
Mar 31, 2015
More results

Similar Description - 1220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
TE Connectivity Ltd
86C TEC-86C Datasheet
170Kb / 5P
   Absolute and Gage
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Honeywell Accelerometer...
17365 HONEYWELL-ACC-17365 Datasheet
290Kb / 5P
   Gage and Differential/Unamplified-Noncompensated
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
PHOENIX CONTACT
2701216 PHOENIX-2701216 Datasheet
74Kb / 4P
   Absolute and differential temperature measurement (configurable)
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
   Measures differential, gage pressure, or vacuum
logo
List of Unclassifed Man...
PS_AN2 ETC2-PS_AN2 Datasheet
446Kb / 8P
   Application Note PS-AN2 MediaSensor??Absolute, Sealed, Gage Pressure Sensors
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
   MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com