Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1393122-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1-1393122-0
Description  Two and four pole form C contact arrangements
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1393122-0 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1-1393122-0 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393122-0 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393122-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay (Continued)
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Product Code
Arrangement
Contact Material
Coil
Terminals
Options
Part Number
KHAU-11A11-120
2 form C, 2 CO
Ag
120VAC
Solder/Plug-in
None
1-1393122-0
KHAU-11D11-24
24VDC
1-1393122-5
KHAE-17D12-24
4 form C, 4 CO
AgCdO
PCB
1393122-1
KHAU-17A11-12
Ag
12VAC
Solder/Plug-in
1-1393122-9
KHAU-17A11-24
24VAC
Solder
2-1393122-1
KHAU-17A11-120
120VAC
2-1393122-0
KHAU-17A11N-120
Indicator
2-1393122-6
KHAU-17A12-120
AgCdO
None
2-1393122-8
KHAU-17A13-120
Au-Ag-Ni
3-1393122-6
KHAU-17A16-24
Bifurcated, Au overlay Ag
24VAC
3-1393122-8
KHAU-17A16-120
Ag
120VAC
3-1393122-7
KHAU-17A18-120
Au diffused Ag
3-1393122-9
KHAU-17D11-6
Ag
6VDC
4-1393122-7
KHAU-17D11-12
12VDC
4-1393122-3
KHAU-17D11-24
24VDC
4-1393122-4
KHAU-17D11-48
48VDC
4-1393122-5
KHAU-17D11-110
110VDC
4-1393122-2
KHAU-17D12-12
AgCdO
12VDC
5-1393122-5
KHAU-17D12-24
24VDC
5-1393122-7
KHAU-17D12-48
48VDC
5-1393122-8
KHAU-17D12-110
110VDC
5-1393122-4
KHAU-17D16-12
Bifurcated, Au overlay Ag
12VDC
7-1393122-0
KHAU-17D16-24
24VDC
7-1393122-1
KHU-17A11N-120
Ag
120VAC
Indicator, Old Const.
2-1393123-8
KHU-17D11-12
12VDC
Old Construction
4-1393123-0
KHU-17D12-24
AgCdO
24VDC
4-1393123-8
Product code structure
Typical product code
KHA
U
-17
A
1
1
B
-120
Type
KHA
General purpose multi-contact relay
Note: Some KHA models available in KH construction. Specify KH instead of KHA.
Version
E
Printed circuit terminals, nylon dust cover, contacts rated opposite polarity (UL & CSA)
U
Solder terminals, clear polycarbonate dust cover, contacts rated same polarity (UL & CSA)
F
Printed circuit terminals, nylon dust cover, contacts rated same polarity (UL & CSA)
X
Solder terminals, clear polycarbonate dust cover, contacts rated opposite polarity (UL & CSA)
Contact arrangement
11 2 form C (2CO)
17 4 form C (4CO)
Coil input
A
AC
D
DC
Mounting and termination
1
Socket mount, solder terminals on U versions; printed circuit terminals on E versions
T
Top flange mount, solder terminals on U versions: printed circuit terminals on E versions
Note 1: Mounting options with solder terminals and stud on narrow, broad and end side on request
Contact material
1
Ag
2
AgCdO
3
Au-AgNi (Note 2)
6
Bifurcated crossbar, Au overlay Ag
8
Au diffused Ag
Note 2: contact material code 3 is not available with relay version E
Options
B
Push to test button. (not available on version E relays with 4 form C contacts)
N
Neon indicator. Only available with version U, 120VAC or 110VDC coils.
H
Neon indicator and push to test button. Only available with version U, 120VAC or 110VDC coils
L
LED indicator. Only available with version U, 6-48VAC or VDC coils.
M
LED indicator and push to test button. Only available with version U, 6-46VAC or VDC coils.
Coil voltage
Coil code: please refer to coil versions table


Similar Part No. - 1-1393122-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393124-7 MACOM-1-1393124-7 Datasheet
50Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
logo
TE Connectivity Ltd
1-1393127-1 TEC-1-1393127-1 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
1-1393127-2 TEC-1-1393127-2 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
1-1393127-6 TEC-1-1393127-6 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
1-1393128-1 TEC-1-1393128-1 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
More results

Similar Description - 1-1393122-0

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
   2 form A contact arrangements
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Panasonic Semiconductor
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
TE Connectivity Ltd
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RTB14005F ETC2-RTB14005F Datasheet
85Kb / 2P
   SPST through DPDT contact arrangements.
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com