Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393122-6 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3-1393122-6
Description  Two and four pole form C contact arrangements
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393122-6 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3-1393122-6 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393122-6 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393122-6 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay (Continued)
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KHA Relays
Product Code
Description
27E894
DIN socket (use 20C426 clip)
27E166
Panel/track mount socket (use 20C297 clip)
27E006
Solder/grounding socket (use 20C217 clip)
27E007
PCB/grounding socket (use 20C217 clip)
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Other Data (continued)
Terminal type
solder/plug-in .105” (2.67mm),
pcb-tht .112” (2.84mm)
Weight
45g
Packaging/unit
tray/50 pcs., box/250pcs.
Dimensions
KHAU and KHAX types
PCB terminals
KHAE and KHAF types
Terminal assignment
2 form C
4 form C
PCB layout
Bottom view on solder pins
4 pole version
.180 DIA.
BOSSES (4.57)
.265 ±.046
(6.73 ±1.17)
1 2 3 4
5 6 7 8
9 10 11 12
.859 MAX.
(21.82)
.168 ±020
(4.27 ±.51)
.168
(4.27)
.421 ±.046
(10.69 ±1.17)
.525
(13.34)
.263
(6.68)
.313
(7.95)
.797 ±.020
(20.24 ±.51)
.040 ±.010
(1.02 ±.25)
.250
(6.35)
.125 DIA.
(3.18)
1.281 MAX.
(32.54)
1.600 MAX WITH
INDICATOR LAMP
(38.10)
#3-48
THREAD
.219
(5.56)
Printed circuit terminal thickness .022 (.558)
.112
(2.84)
.052 REF.
(1.32)
.047
REF.
(1.19)
.750
(19.05)
.312 ± .031
(7.92 ± .79)
13
4
8
12
1
5
9
14
4
8
12
3
7
11
2
6
10
1
5
9
13
14
-
+
-
+
.160
(4.06)
14
PLACES
.070 DIA.
(1.78)
.410
(10.41)
.660
(16.76)
.175
(4.45)
.350
(8.89)
.525
(13.34)
Polarity shown for LED indicator


Similar Part No. - 3-1393122-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393127-0 TEC-3-1393127-0 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
3-1393127-1 TEC-3-1393127-1 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
3-1393127-5 TEC-3-1393127-5 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
3-1393127-8 TEC-3-1393127-8 Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
More results

Similar Description - 3-1393122-6

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
   2 form A contact arrangements
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Panasonic Semiconductor
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
TE Connectivity Ltd
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RTB14005F ETC2-RTB14005F Datasheet
85Kb / 2P
   SPST through DPDT contact arrangements.
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com