Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393771-8 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2-1393771-8
Description  JWD has dual in-line package (DIP) configuration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1393771-8 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2-1393771-8 Datasheet HTML 1Page - TE Connectivity Ltd 2-1393771-8 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Signal Relays
n
JWD has dual in-line package (DIP) configuration (14-pin DIP)
n
JWS has single in-line package (SIP) configuration
n
Low cost, dry reed reliability with various contact arrangements
n
Wave solderable and immersion cleanable molded epoxy package
n
Optional coil suppression diode
Typical applications
Telecommunications, measurement and control, automated test equipment,
security systems, medical equipment.
Approvals
UL E29244, CSA LR81479
Technical data of approved types on request
Contact Data
Contact arrangement
JWD and JWS
1 form A (NO) contact
JWD only
1 form B (NC), 1 form C (CO),
2 form A (NO)
Rated voltage
1 form A, 1 form B and 2 form A
20VDC, 500mA
1 form C (CO)
10 VDC, 500mA and 10VDC, 10mA
Max. switching voltage
1 form A, 1 form B and 2 form A
100VDC
1 form C (CO)
28VDC
Rated current
1 form A, 1 form B and 2 form A
500mA, 20VDC
1 form C (CO)
500mA, 10VDC
Limiting making current
500mA
Limiting breaking current
500mA
Switching power
form A (NO) and form B (NC)
10W
form C (CO)
3W
Contact material
Ruthenium
Min. recommended contact load
10mV, 10mA
Minimum switching voltage
10mV
Initial contact resistance
200mΩ max. at 10mA, 6VDC
Frequency of operation
100Hz
Operate/release time max., incl. bounce
form A (NO) and form B (NC)
1.5/0.5ms
form C (CO)
1.5/3.0ms
Electrical endurance
form A (NO) and form B (NC), resistive load, +25°C
20VDC, 500mA
1x106 ops.
20VDC, 250mA
20x106 ops.
5VDC, 1mA
100x106 ops.
form C (CO) contact, resistive load, +25°C
10VDC, 500mA
1x106 ops.
10VDC, 250mA
20x106 ops.
5VDC, 1mA
100x106 ops.
Contact ratings
1 form A, 1 form B and 2 form A
500mA, 20VDC
1 form C (CO)
500mA, 10VDC
Mechanical endurance
100x106 operations
Coil Data
Coil voltage range
5 to 24VDC
Min./Max. energization duration
continuous
Max. coil temperature
105º C
Thermal resistance
approximately 100ºC/W
Coil insulation system according UL
class A
Insulation Data
Initial dielectric strength
between open contacts
form A (NO) and form B (NC)
250VDC,
form C (CO)
175VDC
between contact and coil
500VDC
between adjacent contacts
2 form A (NO) of JWD only
500VDC
Initial insulation resistance
between insulated elements
1010Ω at 100VDC
Capacitance between open contacts
typ. 0.5pF
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-35ºC to +85ºC
Category of environmental protection
IEC 61810
RTIII -wash tight
Vibration resistance (functional)
20g, 10 to 2000 Hz
Shock resistance (functional), 3 planes, half sine pulse, 8ms
form A (NO)
100g
form B (NC) and form C (CO)
50g
Terminal type
PCB-THT
Mounting position
any
Weight
approximately 2.3g ( 0.08 oz.)
Resistance to soldering heat THT
IEC 60068-2-20, wave solder
max. 260ºC/10s
Ultrasonic cleaning
no
Conformal coating
yes
Packaging/unit
tray/50 pcs.,
bundle/250 pcs.,
box/500 pcs.
JWD/JWS Series Reed Relays
C
U


Similar Part No. - 2-1393771-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393771-8 MACOM-2-1393771-8 Datasheet
530Kb / 2P
   JWD/JWS Series Reed Relays
More results

Similar Description - 2-1393771-8

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FPM-07PGR FUJIKURA-FPM-07PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
logo
Vectron International, ...
B-8 VECTRON-B-8 Datasheet
249Kb / 3P
   Dual-In-Line Package (DIP) TCXOs
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
Fujikura Ltd.
FPM-15PAR FUJIKURA-FPM-15PAR Datasheet
263Kb / 4P
   Barometric pressure measurable Dual-in-line package (DIP)
FPN-07PGR FUJIKURA-FPN-07PGR Datasheet
259Kb / 4P
   Sensing element/Gauge Dual-in-line package (DIP)
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
   Single in-line DIP package, compact size
logo
COSMO Electronics Corp...
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com