Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KA13A Datasheet(PDF) 2 Page - General Semiconductor

Part # 1.5KA13A
Description  AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1.5KA13A Datasheet(HTML) 2 Page - General Semiconductor

  1.5KA13A Datasheet HTML 1Page - General Semiconductor 1.5KA13A Datasheet HTML 2Page - General Semiconductor 1.5KA13A Datasheet HTML 3Page - General Semiconductor 1.5KA13A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS at (TA=25°C unless otherwise noted) TABLE 1
TJ=150°C
Maximum
Breakdown Voltage
Maximum
Maximum
Peak Pulse
Temperature
V(BR)
Stand-off
Reverse
Reverse
Current
Maximum
Coefficient
Volts (NOTE 1)
Test
Voltage
Leakage
Leakage
IPPM
Clamping
of
Current
VWM
at VWM
at VWM
(NOTE 2)
Voltage at lPPM
V(BR)
Device Type
MIN
MAX
at IT
(Volts)
ID (
µA)
ID (
µA)
(Amps)
VC (Volts)
(% / °C)
(mA)
1.5KA6.8
6.12
7.48
10
5.50
1000
10000
139
10.8
0.057
1.5KA6.8A
6.45
7.14
10
5.80
1000
10000
143
10.5
0.057
1.5KA7.5
6.75
8.25
10
6.05
500
5000
128
11.7
0.061
1.5KA7.5A
7.13
7.88
10
6.40
500
5000
133
11.3
0.061
1.5KA8.2
7.38
9.02
10
6.63
200
2000
120
12.5
0.065
1.5KA8.2A
7.79
8.61
10
7.02
200
2000
124
12.1
0.065
1.5KA9.1
8.19
10.0
1.0
7.37
50
500
109
13.8
0.068
1.5KA9.1A
8.65
9.55
1.0
7.78
50
500
112
13.4
0.068
1.5KA10
9.00
11.0
1.0
8.10
20
200
100
15.0
0.073
1.5KA10A
9.50
10.5
1.0
8.55
20
200
103
14.5
0.073
1.5KA11
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
0.075
1.5KA11A
10.5
11.6
1.0
9.40
5.0
50
96.2
15.6
0.076
1.5KA12
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
0.076
1.5KA12A
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
0.078
1.5KA13
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
0.081
1.5KA13A
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
0.081
1.5KA15
13.5
16.3
1.0
12.1
2.0
10
68.2
22.0
0.084
1.5KA15A
14.3
15.8
1.0
12.8
2.0
10
70.8
21.2
0.084
1.5KA16
14.4
17.6
1.0
12.9
2.0
10
63.8
23.5
0.086
1.5KA16A
15.2
16.8
1.0
13.6
2.0
10
66.7
22.5
0.086
1.5KA18
16.2
19.8
1.0
14.5
2.0
10
56.6
26.5
0.088


Similar Part No. - 1.5KA13A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA13A VISHAY-1.5KA13A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA13A VISHAY-1.5KA13A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA13A VISHAY-1.5KA13A Datasheet
78Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results

Similar Description - 1.5KA13A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6K24-G COMCHIP-6K24-G Datasheet
243Kb / 2P
   Automotive Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
MR2535L-Q EIC-MR2535L-Q Datasheet
370Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 08, 2019
logo
New Jersey Semi-Conduct...
MR2535L NJSEMI-MR2535L Datasheet
173Kb / 2P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
MR2540 EIC-MR2540_V01 Datasheet
138Kb / 1P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
MR2540L EIC-MR2540L_V01 Datasheet
331Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
logo
ON Semiconductor
MR4045 ONSEMI-MR4045 Datasheet
127Kb / 4P
   Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 2
logo
EIC discrete Semiconduc...
MR2535AL EIC-MR2535AL Datasheet
216Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2540AL EIC-MR2540AL Datasheet
315Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2535L EIC-MR2535L_V01 Datasheet
225Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04:February 25, 2008
logo
ON Semiconductor
MR3227 ONSEMI-MR3227 Datasheet
127Kb / 4P
   Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com