Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KA16A Datasheet(PDF) 1 Page - General Semiconductor

Part # 1.5KA16A
Description  AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1.5KA16A Datasheet(HTML) 1 Page - General Semiconductor

  1.5KA16A Datasheet HTML 1Page - General Semiconductor 1.5KA16A Datasheet HTML 2Page - General Semiconductor 1.5KA16A Datasheet HTML 3Page - General Semiconductor 1.5KA16A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5KA6.8 THRU 1.5KA43A
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 43 Volts
Peak Pulse Power - 1500 Watts
FEATURES
♦ Designed for under the hood applications
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ 1500W peak pulse power surge capability with a
10/1000
µs waveform, repetition rate (duty cycle): 0.01%
♦ Exclusive patented PAR™ oxide passivated
chip construction
♦ Excellent clamping capability
♦ Low incremental surge resistance
♦ Fast response time: typically less
than 1.0 ps from 0 Volts to V(BR) for uni-directional
♦ For devices with V(BR)∆10V ID are typically less than
1.0
µA at TA=150°C
♦ High temperature soldering guaranteed:
300°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3 kg) tension
MECHANICAL DATA
Case: Molded plastic over passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.045 ounce, 1.2 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs waveform
(NOTE 1, FIG. 1)
PPPM
Minimum 1500
Watts
Peak pulse current at TA=25°C with a 10/1000
µs waveform
(NOTE 1, FIG. 3)
IPPM
SEE TABLE 1
Amps
Steady state power dissipation at TL=75°C
lead lengths 0.375” (9.5mm) (NOTE 2)
PM(AV)
5.0
Watts
Peak forward surge current, 8.3ms single half
Sine-wave superimposed on rated load
(JEDEC Method) (NOTE 3)
IFSM
200
Amps
Maximum instantaneous forward voltage at 100A (NOTE 3)
VF
3.5
Volts
Operating junction and storage temperature range
TJ, TSTG
-65 to +185
°C
NOTES:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
(2) Mounted on copper pad area of 0.8 x 0.8” (20 x 20mm) per Fig. 5
(3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minutes maximum
1/27/99
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
0.210 (5.3)
0.190 (4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Case Style 1.5KA
Available in uni-directional only
Dimensions in inches and (millimeters)
*Patent #’s 4,980,315
5,166,769
5,278,094


Similar Part No. - 1.5KA16A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA16A VISHAY-1.5KA16A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA16A VISHAY-1.5KA16A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA16A VISHAY-1.5KA16A Datasheet
78Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results

Similar Description - 1.5KA16A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6K24-G COMCHIP-6K24-G Datasheet
243Kb / 2P
   Automotive Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
MR2535L-Q EIC-MR2535L-Q Datasheet
370Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 08, 2019
logo
New Jersey Semi-Conduct...
MR2535L NJSEMI-MR2535L Datasheet
173Kb / 2P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
MR2540 EIC-MR2540_V01 Datasheet
138Kb / 1P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
MR2540L EIC-MR2540L_V01 Datasheet
331Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
logo
ON Semiconductor
MR4045 ONSEMI-MR4045 Datasheet
127Kb / 4P
   Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 2
logo
EIC discrete Semiconduc...
MR2535AL EIC-MR2535AL Datasheet
216Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2540AL EIC-MR2540AL Datasheet
315Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2535L EIC-MR2535L_V01 Datasheet
225Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04:February 25, 2008
logo
ON Semiconductor
MR3227 ONSEMI-MR3227 Datasheet
127Kb / 4P
   Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com