Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1090CGD Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR1090CGD
Description  SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR1090CGD Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  MBR1090CGD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR1090CGD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR1090CGD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.4- MAXIMUM NON - REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60Hz
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
8.3ms Single
Half Since-W ave
JEDEC Method
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
T=25 C
A
O
40-45V
80-100V
150-200V
50-60V
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
20.0
16.0
8.0
0
4.0
12.0
0
20
40
60
80
100
120
140
160
180
=
150-200V
RESISTIVE OR
INDUCTIVE LOAD
80-100V
40-60V
Jun.2015-REV.03
MBR1040
CGD~MBR10200CGD
=
40-100V
www.
dyelec.com


Similar Part No. - MBR1090CGD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBR1090CA THINKISEMI-MBR1090CA Datasheet
747Kb / 2P
   10.0 Ampere Dual Common Anode Schottky Barrier Rectifier Diodes
logo
DIYI Electronic Technol...
MBR1090CD DYELEC-MBR1090CD Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
MBR1090CKD DYELEC-MBR1090CKD Datasheet
735Kb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR1090CP DYELEC-MBR1090CP Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBR1090CT VISHAY-MBR1090CT Datasheet
134Kb / 5P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 26-Apr-10
More results

Similar Description - MBR1090CGD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR2040CGD DYELEC-MBR2040CGD Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR1040CKD DYELEC-MBR1040CKD Datasheet
735Kb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
logo
Dongguan Pingjingsemi T...
SS32BF-PJ PJSEMI-SS32BF-PJ Datasheet
885Kb / 3P
   SCHOTTKYBARRIER RECTIFIERS
logo
Transys Electronics
SB320D TRSYS-SB320D Datasheet
166Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKYBARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com