Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL212PU50R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDL212PU50R
Description  High PSRR, low drop linear regulator IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PU50R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDL212PU50R Datasheet HTML 2Page - STMicroelectronics LDL212PU50R Datasheet HTML 3Page - STMicroelectronics LDL212PU50R Datasheet HTML 4Page - STMicroelectronics LDL212PU50R Datasheet HTML 5Page - STMicroelectronics LDL212PU50R Datasheet HTML 6Page - STMicroelectronics LDL212PU50R Datasheet HTML 7Page - STMicroelectronics LDL212PU50R Datasheet HTML 8Page - STMicroelectronics LDL212PU50R Datasheet HTML 9Page - STMicroelectronics LDL212PU50R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Maximum ratings
LDL212
6/28
DocID028297 Rev 2
4
Maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
- 0.3 to 20
V
VOUT
DC output voltage
- 0.3 to VIN + 0.3
V
VEN
Enable input voltage
- 0.3 to VIN + 0.3
V
VSENSE
Output sense pin voltage
- 0.3 to VIN + 0.3
V
VADJ
ADJ pin voltage
- 0.3 to 2
V
IOUT
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
- 55 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
SO-8 batwing plastic micropackage
Thermal resistance junction-to-case
20
°C/W
Thermal resistance junction-to-ambient
55
DFN6 (2x2)
Thermal resistance junction-to-case
15
Thermal resistance junction-to-ambient
65
DFN6 (3x3)
Thermal resistance junction-to-case
10
Thermal resistance junction-to-ambient
55


Similar Part No. - LDL212PU50R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
   25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL25DU CINCON-LDL25DU Datasheet
503Kb / 2P
   25 WATT SINGLE OUTPUT LED POWER SUPPLY
More results

Similar Description - LDL212PU50R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
   High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
   Low-Noise, High-PSRR, 250mA Linear Regulator
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com