Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR3001 Datasheet(PDF) 9 Page - RF Monolithics, Inc

Part # TR3001
Description   315.00 MHz Hybrid Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TR3001 Datasheet(HTML) 9 Page - RF Monolithics, Inc

Back Button TR3001 Datasheet HTML 4Page - RF Monolithics, Inc TR3001 Datasheet HTML 5Page - RF Monolithics, Inc TR3001 Datasheet HTML 6Page - RF Monolithics, Inc TR3001 Datasheet HTML 7Page - RF Monolithics, Inc TR3001 Datasheet HTML 8Page - RF Monolithics, Inc TR3001 Datasheet HTML 9Page - RF Monolithics, Inc TR3001 Datasheet HTML 10Page - RF Monolithics, Inc TR3001 Datasheet HTML 11Page - RF Monolithics, Inc TR3001 Datasheet HTML 12Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Pin
Name
Description
1
GND1
GND1 is the RF ground pin. GND2 and GND3 should be connected to GND1 by short, low-inductance traces.
2
VCC1
VCC1 is the positive supply voltage pin for the transmitter output amplifier and the receiver base-band circuitry.
VCC1 is usually connected to the positive supply through a ferrite RF decoupling bead, which is bypassed by an
RF capacitor on the supply side. See the ASH Transceiver Designer’s Guide for additional information.
3
AGCCAP
This pin controls the AGC reset operation. A capacitor between this pin and ground sets the minimum time the
AGC will hold-in once it is engaged. The hold-in time is set to avoid AGC chattering. For a given hold-in time tAGH,
the capacitor value CAGC is:
CAGC = 19.1* tAGH, where tAGH is in µs and CAGC is in pF
A ±10% ceramic capacitor should be used at this pin. The value of CAGC given above provides a hold-in time be-
tween tAGH and 2.65* tAGH, depending on operating voltage, temperature, etc. The hold-in time is chosen to allow
the AGC to ride through the longest run of zero bits that can occur in a received data stream. The AGC hold-in
time can be greater than the peak detector decay time, as discussed below. However, the AGC hold-in time
should not be set too long, or the receiver will be slow in returning to full sensitivity once the AGC is engaged by
noise or interference. The use of AGC is optional when using OOK modulation with data pulses of at least 30 µs.
AGC operation can be defeated by connecting this pin to Vcc. Active or latched AGC operation is required for
ASK modulation and/or for data pulses of less than 30 µs. The AGC can be latched on once engaged by connect-
ing a 150 K resistor between this pin and ground, instead of a capacitor. AGC operation depends on a functioning
peak detector, as discussed below. The AGC capacitor is discharged in the receiver power-down (sleep) mode
and in the transmit modes.
4
PKDET
This pin controls the peak detector operation. A capacitor between this pin and ground sets the peak detector at-
tack and decay times, which have a fixed 1:1000 ratio. For most applications, these time constants should be co-
ordinated with the base-band time constant. For a given base-band capacitor CBBO, the capacitor value CPKD is:
CPKD = 0.33* CBBO , where CBBO and CPKD are in pF
A ±10% ceramic capacitor should be used at this pin. This time constant will vary between tPKA and 1.5* tPKA with
variations in supply voltage, temperature, etc. The capacitor is driven from a 200 ohm “attack” source, and decays
through a 200 K load. The peak detector is used to drive the “dB-below-peak” data slicer and the AGC release
function. The AGC hold-in time can be extended beyond the peak detector decay time with the AGC capacitor, as
discussed above. Where low data rates and OOK modulation are used, the “dB-below-peak” data slicer and the
AGC are optional. In this case, the PKDET pin and the THLD2 pin can be left unconnected, and the AGC pin can
be connected to Vcc to reduce the number of external components needed. The peak detector capacitor is dis-
charged in the receiver power-down (sleep) mode and in the transmit modes.
5
BBOUT
BBOUT is the receiver base-band output pin. This pin drives the CMPIN pin through a coupling capacitor CBBO for
internal data slicer operation. The time constant tBBC for this connection is:
tBBC = 0.064*CBBO , where tBBC is in µs and CBBO is in pF
A ±10% ceramic capacitor should be used between BBOUT and CMPIN. The time constant can vary between tBBC
and 1.8*tBBC with variations in supply voltage, temperature, etc. The optimum time constant in a given circum-
stance will depend on the data rate, data run length, and other factors as discussed in the ASH Transceiver De-
signer’s Guide. A common criteria is to set the time constant for no more than a 20% voltage droop during SPMAX.
For this case:
CBBO = 70*SPMAX, where SPMAX is the maximum signal pulse width in µs and CBBO is in pF
The output from this pin can also be used to drive an external data recovery process (DSP, etc.). The nominal out-
put impedance of this pin is 1 K. When the receiver RF amplifiers are operating at a 50%-50% duty cycle, the
BBOUT signal changes about 10 mV/dB, with a peak-to-peak signal level of up to 685 mV. For lower duty cycles,
the mV/dB slope and peak-to-peak signal level are proportionately less. The signal at BBOUT is riding on a
1.1 Vdc value that varies somewhat with supply voltage and temperature, so it should be coupled through a ca-
pacitor to an external load. A load impedance of 50 K to 500 K in parallel with no more than 10 pF is recom-
mended. When an external data recovery process is used with AGC, BBOUT must be coupled to the external
data recovery process and CMPIN by separate series coupling capacitors. The AGC reset function is driven by
the signal applied to CMPIN. When the transceiver is in power-down (sleep) or in a transmit mode, the output im-
pedance of this pin becomes very high, preserving the charge on the coupling capacitor.
6
CMPIN
This pin is the input to the internal data slicers. It is driven from BBOUT through a coupling capacitor. The input
impedance of this pin is 70 K to 100 K.
7
RXDATA
RXDATA is the receiver data output pin. This pin will drive a 10 pF, 500 K parallel load. The peak current available
from this pin increases with the receiver low-pass filter cutoff frequency. In the power-down (sleep) or transmit
modes, this pin becomes high impedance. If required, a 1000 K pull-up or pull-down resistor can be used to estab-
lish a definite logic state when this pin is high impedance. If a pull-up resistor is used, the positive supply end
should be connected to a voltage no greater than Vcc + 200 mV.
9
Pin Descriptions


Similar Part No. - TR3001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3001 MURATA-TR3001 Datasheet
415Kb / 12P
   315.00 MHz Hybrid Transceiver
More results

Similar Description - TR3001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3001 MURATA-TR3001 Datasheet
415Kb / 12P
   315.00 MHz Hybrid Transceiver
TR7001 MURATA-TR7001 Datasheet
367Kb / 15P
   315.00 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TX5001 RFM-TX5001 Datasheet
73Kb / 6P
   315.00 MHz Hybrid Transmitter
DR3101 RFM-DR3101 Datasheet
375Kb / 5P
   315.00 MHz Transceiver Module
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5501 RFM-RX5501 Datasheet
67Kb / 10P
   315.00 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
   315.00 MHz Transceiver Evaluation Module
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR8000 MURATA-TR8000 Datasheet
367Kb / 15P
   916.5 MHz Hybrid Transceiver
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
   303.825 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com