Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJA9452 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJA9452
Description  N-Channel 20-V(D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJA9452 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJA9452 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA9452 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA9452 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA9452 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA9452 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01
23
45
0
5
10
15
20
02
46
8
10
0
20
40
60
80
02
46
8
10
0
20
40
60
80
0.2
0.4
0.6
0.8
1.0
1E-3
0.01
0.1
1
012
34
0
5
10
15
20
25
50
75
100
125
0.5
0.6
0.7
0.8
V
GS
=4.5V,4.0V,3.5V,3.0V
2.5V
2.0V
V
GS
=1.5V
T
a
=25℃
Pulsed
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
I
D
=4A
T
a
=25℃
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
=2.5V
V
GS
=4.5V
V
GS
=10V
I
D
——
R
DS(ON)
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
V
SD
I
S
——
T
a
=25℃
Pulsed
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
DS
=5V
T
a
=25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
Threshold Voltage
I
D
=250uA
JUNCTION TEMPERATURE
T
J
(
)
Typical Characteristics
www.cj-elec.com
3
F,Apr,2015


Similar Part No. - CJA9452

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJA9452 ZPSEMI-CJA9452 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate MOSFETS
More results

Similar Description - CJA9452

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com