Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FY07HVA075S5-L985F08 Datasheet(PDF) 1 Page - Vincotech

Part # 10-FY07HVA075S5-L985F08
Description  Innovative H6.5 topology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY07HVA075S5-L985F08 Datasheet(HTML) 1 Page - Vincotech

  10-FY07HVA075S5-L985F08 Datasheet HTML 1Page - Vincotech 10-FY07HVA075S5-L985F08 Datasheet HTML 2Page - Vincotech 10-FY07HVA075S5-L985F08 Datasheet HTML 3Page - Vincotech 10-FY07HVA075S5-L985F08 Datasheet HTML 4Page - Vincotech 10-FY07HVA075S5-L985F08 Datasheet HTML 5Page - Vincotech 10-FY07HVA075S5-L985F08 Datasheet HTML 6Page - Vincotech 10-FY07HVA075S5-L985F08 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
10-FY07HVA075S5-L985F08
10-PY07HVA075S5-L985F08Y
target datasheet
26 Jul. 2016 / Revision 1
1
Copyright Vincotech
Maximum Ratings
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Condition
Value
Unit
High Buck Switch / Low Buck Switch
Collector-emitter voltage
VCES
650
V
Collector current
IC
Tj = Tjmax
Ts = 80 °C
62
A
Repetitive peak collector current
ICRM
tp limited by Tjmax
225
A
Total power dissipation
Ptot
Tj = Tjmax
Ts = 80 °C
86
W
Gate-emitter voltage
VGES
±20
V
Maximum junction temperature
Tjmax
175
°C
flow PACK 1 H6.5
650 V / 75 A
● For one-phase solar applications
● Innovative H6.5 topology
● LVRT (Low voltage ride throught) capability
● Fast IGBT S5
● Chipset optimized for switching frequencies
up to 25kHz
● NTC
solder pin
Press-fit pin
● Solar
● Special Application
● 10-FY07HVA075S5-L985F08
● 10-PY07HVA075S5-L985F08Y
flow 1 12mm housing
Schematic
Features
Target applications
Types


Similar Part No. - 10-FY07HVA075S5-L985F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07HVA050S5-L984F08 VINCOTECH-10-FY07HVA050S5-L984F08 Datasheet
308Kb / 7P
   For one-phase solar applications
More results

Similar Description - 10-FY07HVA075S5-L985F08

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
   Low Cost Innovative Packaging
logo
Skyworks Solutions Inc.
SKY65720-11 SKYWORKS-SKY65720-11 Datasheet
428Kb / 8P
   Innovative proprietary shielded technology
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
Vincotech
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
   2400V NPC-topology
10-0B066PA006SB-M992F09 VINCOTECH-10-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
logo
Advantech Co., Ltd.
HIT-W153 ADVANTECH-HIT-W153 Datasheet
941Kb / 2P
   Innovative 15.6 Healthcare/Hospitality Information Terminal
12-Mar-2018
logo
Lumileds Lighting Compa...
CS130 LUMILEDS-CS130 Datasheet
1Mb / 3P
   Innovative color mixing LEDs enable compact
logo
Vincotech
80-M2072PA200SC-K705F40 VINCOTECH-80-M2072PA200SC-K705F40 Datasheet
475Kb / 6P
   Half-Bridge topology
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com