Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FY07HVA100S5-L986F08 Datasheet(PDF) 6 Page - Vincotech

Part # 10-FY07HVA100S5-L986F08
Description  For one-phase solar applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY07HVA100S5-L986F08 Datasheet(HTML) 6 Page - Vincotech

  10-FY07HVA100S5-L986F08 Datasheet HTML 1Page - Vincotech 10-FY07HVA100S5-L986F08 Datasheet HTML 2Page - Vincotech 10-FY07HVA100S5-L986F08 Datasheet HTML 3Page - Vincotech 10-FY07HVA100S5-L986F08 Datasheet HTML 4Page - Vincotech 10-FY07HVA100S5-L986F08 Datasheet HTML 5Page - Vincotech 10-FY07HVA100S5-L986F08 Datasheet HTML 6Page - Vincotech 10-FY07HVA100S5-L986F08 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10-FY07HVA100S5-L986F08
10-PY07HVA100S5-L986F08Y
target datasheet
26 Jul. 2016 / Revision 1
6
Copyright Vincotech
Pinout
Buc k Diode
Identification
Comment
650 V
Voltage
Current
Function
650 V
100 A
High Buc k Switc h / Low Buck Switc h
75 A
ID
D12, D14
IGBT
FWD
Component
Rt
Thermistor
D20
FWD
T11-T14
D21, D22
650 V
75 A
650 V
T21, T22
IGBT
75 A
Boost Switc h
High Boost Diode
75 A
Low Boost Diode
FWD
650 V
Thermistor


Similar Part No. - 10-FY07HVA100S5-L986F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07HVA050S5-L984F08 VINCOTECH-10-FY07HVA050S5-L984F08 Datasheet
308Kb / 7P
   For one-phase solar applications
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
   Innovative H6.5 topology
More results

Similar Description - 10-FY07HVA100S5-L986F08

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07HVA050S5-L984F08 VINCOTECH-10-FY07HVA050S5-L984F08 Datasheet
308Kb / 7P
   For one-phase solar applications
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
   Three PhaseNeutral Filters For Solar Technology Applications
FVTC PREMO-FVTC Datasheet
303Kb / 3P
   Three Phase One Stage Filter for Motor Drive Applications
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
logo
Schneider Electric
SC3042M200PS SCHNEIDER-SC3042M200PS Datasheet
112Kb / 2P
   ALL-IN-ONE RING OH/UG SURFACE 200A SOLAR
SC42M200PS SCHNEIDER-SC42M200PS Datasheet
90Kb / 2P
   ALL-IN-ONE RING OH/UG SURFACE 200A SOLAR
SC2040M200PS SCHNEIDER-SC2040M200PS Datasheet
103Kb / 2P
   ALL-IN-ONE RING OH/UG SURFACE 200A SOLAR
logo
PREMO CORPORATION S.L
FVRB PREMO-FVRB Datasheet
244Kb / 3P
   Three Phase One Stage Filter for Regenerative Converters
logo
TEMIC Semiconductors
U490B TEMIC-U490B Datasheet
84Kb / 6P
   One-Shot Phase Control
logo
PREMO CORPORATION S.L
FVSB PREMO-FVSB Datasheet
249Kb / 2P
   Three Phase One Stage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com