Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6268B Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U6268B
Description  Side-Airbag Sensor Dual Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6268B Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U6268B Datasheet HTML 3Page - TEMIC Semiconductors U6268B Datasheet HTML 4Page - TEMIC Semiconductors U6268B Datasheet HTML 5Page - TEMIC Semiconductors U6268B Datasheet HTML 6Page - TEMIC Semiconductors U6268B Datasheet HTML 7Page - TEMIC Semiconductors U6268B Datasheet HTML 8Page - TEMIC Semiconductors U6268B Datasheet HTML 9Page - TEMIC Semiconductors U6268B Datasheet HTML 10Page - TEMIC Semiconductors U6268B Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
U6268B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 21-May-97
7 (12)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
Voltage threshold CLL-
comparator
CLLx low-level voltage threshold
CLLx high-level voltage threshold
Voltage hysteresis
VCLL_L
VCLL_H
VCLL_hys
1.75
1.43
0.26
2.4
1.9
0.6
V
V
V
Minimal voltage at
OCMx
IOUT = 0 to 5 mA
VOCM_min
0.5
V
Current-limitation level
VS
v 40 V OUTx short to GND
VOCM_lim
4.3
5.3
V
Overcurrent-detection
level
VS
v 40 V
VOCM_det
4.2
4.9
V
Current limitation minus
overcurrent detection
VOCM_lim – VOCM_over
D_lim_OCM
0.15
0.5
V
Intern. pull-down current
IOCM_sink
0.1
0.45
mA
Function RETURN1, RETURN2
Enable high saturation
voltage
IRETURN = 50 mA
Vret_sat
0.5
V
Dynamic resistance
dI
w 10 mA
Rret
2
8
W
Current limitation
Enable high, VRETURNx = 2 V
Iret_lim
60
150
mA
RETURNx is always
higher than current
Enable high, VRETURNx
v 18 V
Iret_lim
70
200
mA
higher than current
limitation OUTx
Enable low VRETURNx
v 18 V
Iret_lim
0.8
2
mA
Overcurrent-detection
level
Threshold comparator, switch-off
return
Threshold comparator, switch-on
return
Hysteresis
Iret_low
Iret_high
Iret_hys
1.4
1.1
0.2
2
1.5
0.7
V
V
V
Delay time
CRETURN = 47 nF
Switching on IRETURN at 50 mA
Switching off IRETURN at 1 mA
tdRet_on
tdRet_off
3
30
30
90
ms
ms
Function CLL1, CLL2 (CLLx with 2 k
W to 5 V)
IOUT threshold CLL
comparator
ROCM = 750
W
CLL low-level threshold
CLL high-level threshold
Hysteresis
ICLL_L
ICLL_H
ICLL_hys
23.3
19.1
3.5
27.3
22.3
8.2
mA
mA
mA
CLL saturation voltage
ICLL
v 2.5 mA
VCLL_sat
0.4
V
CLL leakage current
VCLL
v 6.5 V
ICLL_leak
1
mA
Response time to current
change
IOUT to CLL rise
IOUT to CLL fall
Max. difference between rise and
fall time
tCll_rise
tCll_fall
tD rise-fall
0.1
0.1
2
2
1
ms
ms
ms
CLL output switching
speed
Rise
Fall
tCLL_rise
tCLL–fall
1
1
ms
ms
Current transmission rate
60
kHz
Current transmission
3 dB bandwidth
500
kHz
Function ENABLE1, ENABLE2
Enable low–level
threshold
VEnable_off
2
6.5
V
Enable high-level
threshold
VEnable_on
–0.3
0.8
V


Similar Part No. - U6268B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6268B ATMEL-U6268B Datasheet
297Kb / 14P
   Side-airbag Sensor Dual Interface
More results

Similar Description - U6268B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6268B ATMEL-U6268B Datasheet
297Kb / 14P
   Side-airbag Sensor Dual Interface
logo
ON Semiconductor
CS2082 ONSEMI-CS2082 Datasheet
91Kb / 12P
   Dual Airbag Deployment ASIC
July, 2001 ??Rev. 7
logo
Freescale Semiconductor...
MC33789 FREESCALE-MC33789 Datasheet
3Mb / 80P
   Airbag System Basis Chip (SBC) with Power Supply and PSI5 Sensor Interface
MC33789FS FREESCALE-MC33789FS Datasheet
186Kb / 2P
   Airbag system basis chip (SBC) with power supply and PSI5 sensor interface
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
   DUAL SENSOR INTERFACE
logo
National Semiconductor ...
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
   Dual Lambda Sensor Interface Amplifier
logo
ON Semiconductor
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
   Airbag Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com