Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20200CGD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR20200CGD
Description  SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR20200CGD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBR20200CGD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR20200CGD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR20200CGD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
MB
R2040CGD~MBR20200CGD
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Case: DPAK molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
rr
u
c
e
R
m
u
m
ix
a
MV
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
ix
a
MV
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
ik
c
ol
B
C
D
m
u
m
ix
a
MV
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
)
1
.
g
if
e
e
S
(
t
n
e
rr
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
ix
a
MI
(
F)
V
A
0
2A
-
e
n
is
fl
a
h
el
g
n
is
s
m
3
.
8
:
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
ol
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
e
v
a
w
I
M
S
F
g
el
r
e
p
,
A
0
1
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
ix
a
MV
F
7
.
0
T
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
ix
a
M
J
5
2
=
O
C
T
e
g
a
tl
o
V
g
n
ik
c
ol
B
C
D
d
e
t
a
R
t
a
J
5
2
1
=
O
C
I
R
0.05
0
2
A
m
e
c
n
a
t
si
s
e
R
l
a
m
r
e
h
T
l
a
ci
p
y
TR
θ C
J
3
O
/
C W
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
Oe
g
a
r
o
t
Se
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TT
J T
,
G
T
S
-50 to + 150
-55 to +175
O
C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
40 to 200 Volts
CURRENT
20 Amperes
0.85
0.92
150A
A
V
TO-263(D2PAK) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR
2045CGD
MBR
2040CGD
MBR
2050CGD
MBR
2080CGD
MBR
2060CGD
MBR
20100CGD
MBR
20150CGD
MBR
20200CGD
MBR
2090CGD
0.8
0.02
20
Apr.2015-REV.00
www.
dyelec.com


Similar Part No. - MBR20200CGD

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20200CG SIRECT-MBR20200CG Datasheet
161Kb / 5P
   Power Schottky Rectifier - 20Amp 200Volt
logo
DONGGUAN YOU FENG WEI E...
MBR20200CG YFWDIODE-MBR20200CG Datasheet
471Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Unisonic Technologies
MBR20200CG-T3P-T UTC-MBR20200CG-T3P-T Datasheet
186Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
MBR20200CG-TA3-T UTC-MBR20200CG-TA3-T Datasheet
89Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
MBR20200CG-TA3-T UTC-MBR20200CG-TA3-T Datasheet
186Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR20200CGD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR1040CGD DYELEC-MBR1040CGD Datasheet
942Kb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR1040CKD DYELEC-MBR1040CKD Datasheet
735Kb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
logo
Dongguan Pingjingsemi T...
SS32BF-PJ PJSEMI-SS32BF-PJ Datasheet
885Kb / 3P
   SCHOTTKYBARRIER RECTIFIERS
logo
Transys Electronics
SB320D TRSYS-SB320D Datasheet
166Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKYBARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com