Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1245CBDC Datasheet(PDF) 10 Page - Agere Systems

Part # 1245CBDC
Description  Uncooled Laser Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1245CBDC Datasheet(HTML) 10 Page - Agere Systems

Back Button 1245CBDC Datasheet HTML 4Page - Agere Systems 1245CBDC Datasheet HTML 5Page - Agere Systems 1245CBDC Datasheet HTML 6Page - Agere Systems 1245CBDC Datasheet HTML 7Page - Agere Systems 1245CBDC Datasheet HTML 8Page - Agere Systems 1245CBDC Datasheet HTML 9Page - Agere Systems 1245CBDC Datasheet HTML 10Page - Agere Systems 1245CBDC Datasheet HTML 11Page - Agere Systems 1245CBDC Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
10
Agere Systems Inc.
Data Sheet
September 1999
1241/1243/1245-Type Uncooled Laser Transmitter
Ordering Information
Table 5. 1241/1243/1245-TypeTransmitter Ordering Information
*
∆λ for these codes is 2.5 nm maximum. All other 1241-type codes are 4 nm maximum.
OC-3/STM-1 Transmitter Codes
Operating
Case Temp.
Range (°C)
Average Output
Power
(dBM)
Center
Wavelength
(nm)
Connector
122x
Equivalent
Product
Order
Code
Comcode
Min
Max
Min
Typ
Max
Min
Max
0
65
–3
0
2
1290
1330
FC-PC
1227AE
1241FADC
108123449
0
65
–3
0
2
1290
1330
SC
1227AF
1241CADC
108123480
0
65
–5
–2
0
1280
1335
FC-PC
1227YA
1241FAFC
108123357
0
65
–5
–2
0
1280
1335
SC
1227YB
1241CAFC
108123373
0
65
–8
–5
–2
1260
1360
SC
1227CA
1241CALC
108123324
0
65
–8
–5
–2
1260
1360
FC-PC
1227C
1241FALC
108123563
–20
70
–5
–2
0
1480
1580
SC
1229CB5
1245CAFC
108400409
–20
70
–5
–2
0
1480
1580
FC-PC
1229FB5
1245FAFC
108400417
–40
85
–5
–2
0
1280
1335
SC
1227YD
1243CAFD
108123423
–40
85
–5
–2
0
1280
1335
FC-PC
1227YE
1243FAFD
108123415
–40
85
–12
–8
–5
1260
1360
SC
1227FB
1241CAPC
108123282
–40
85
–12
–8
–5
1260
1360
FC-PC
1227F
1241FAPC
108123266
–40
85
–15
–11
–8
1260
1360
SC
1227HA
1241CAUC*
108123209
–40
85
–15
–11
–8
1260
1360
FC-PC
1227H
1241FAUC*
108123159
OC-12/STM-4 Transmitter Codes
0
65
–3
0
2
1290
1330
FC-PC
1227AK
1241FBDC
108123456
0
65
–3
0
2
1290
1330
SC
1227AN
1241CBDC
108123498
0
65
–8
–5
–2
1260
1360
FC-PC
1227D
1241FBLC
108123316
–20
70
–3
0
2
1480
1580
SC
1229CA5
1245CBDC
108400391
–20
70
–3
0
2
1480
1580
FC-PC
1229FA5
1245FBDC
108400425
–40
85
–3
0
2
1280
1335
FC-PC
1229FA
1243FBDC
108123506
–40
85
–3
0
2
1280
1335
SC
1229CA
1243CBDC
108123522
–40
85
–12
–8
–5
1260
1360
FC-PC
1227G
1241FBPC
108123274
–40
85
–15
–11
–8
1260
1360
FC-PC
1227AC
1241FBUC*
108123167
–40
85
–15
–11
–8
1274
1356
SC
1227PG
1241CBU*
108123217
Fibre Channel—1062.5 Mbits/s
10
65
–11
–8
–5
1260
1360
FC-PC
1238A
1241FCPC
108309287
10
65
–11
–8
–5
1260
1360
FC-PC
1238B
1241FCPD
108309295
10
65
–3
0
2
1290
1330
FC-PC
1238C
1241FCDC
108309279


Similar Part No. - 1245CBDC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1245 3M-1245 Datasheet
24Kb / 2P
   Embossed Copper Foil
logo
List of Unclassifed Man...
1245 ETC2-1245 Datasheet
1Mb / 16P
   Drywall Punch
logo
3M Electronics
1245 3M-1245 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
CUI INC
1245-0003R CUI-1245-0003R Datasheet
78Kb / 2P
   AMT 102 BASE
logo
List of Unclassifed Man...
12450 ETC2-12450 Datasheet
271Kb / 2P
   STATFREE FOAM, CONDUCTIVE
More results

Similar Description - 1245CBDC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com