Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2090CP Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR2090CP
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR2090CP Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBR2090CP Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR2090CP Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR2090CP Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR2040C
P~MBR20200CP
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Case: TO-2
51AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA ME TE R
S YMB OL
MBR
2040C
P
MBR
2045C
P
MBR
2050C
P
MBR
2060C
P
MBR
2080C
P
MBR
2090C
P
MBR
20100C
P
MBR
20150C
P
MBR
20200C
P
UNITS
Maximum Recurrent P e a k
Reverse V o l t a g
V
R R M
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
R M S
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
D C
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward Current (See fi g.1 )
I
F ( A V)
20
A
Peak Forward Surge Current :8.3 ms single half si
ne- wave superimposed on rated l oa d(JED EC
th d)
I
F S M
100
A
Maximum Forward Voltage at 10 A, per leg
VF
0.7
0.85
0.9
2
V
Maximum DC Reverse Current TJ =25 OC
at Rated DC Blocking Voltage TJ=125 OC
IR
0.
05
20
mA
Typical Thermal Resistance
R
θJC
2
O C /
W
Operating Junction and Storage Temperature Range
T ,T
J
S TG
-50 to + 150
-55 to +175
O C
VOLTAGE
40 to 200 Volts
CURRENT
20 Amperes
Apr,2015-REV.00
PAGE . 1
0.8
www.
dyelec.com


Similar Part No. - MBR2090CP

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBR2090CA THINKISEMI-MBR2090CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
MBR2090CD DYELEC-MBR2090CD Datasheet
789Kb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
MBR2090CD CHENDA-MBR2090CD Datasheet
577Kb / 2P
   40 to 200 Volts Forward Current - 20.0 Amperes
logo
DIYI Electronic Technol...
MBR2090CGD DYELEC-MBR2090CGD Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKYBARRIER RECTIFIERS
MBR2090CKD DYELEC-MBR2090CKD Datasheet
898Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2090CP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT_16 Datasheet
275Kb / 4P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC PANJIT-MBR2040DC_16 Datasheet
197Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT_16 Datasheet
268Kb / 4P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF20100CT DYELEC-MBRF20100CT Datasheet
1Mb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU Datasheet
232Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
MBR20100FCT BYTESONIC-MBR20100FCT Datasheet
371Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com