Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4040CGD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR4040CGD
Description  40 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR4040CGD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBR4040CGD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR4040CGD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR4040CGD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR
4040CGD~MBR40200CGD
40 AMPERES SCHOTTKY BARRIER RECTIFIERS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
• Case: TO-
263AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
40 to 200 Volts
CURRENT
40 Amperes
Apr,2015-REV.00
PAGE . 1
PARAMETER
SYMBOL
M B R
4 0 4 0 C G D
M B R
4 0 4 5 C G D
M B R
4 0 5 0 C G D
M B R
4 0 6 0 C G D
M B R
4 0 8 0 C G D
M B R
4 0 9 0 C G D
M B R
4 0 1 0 0 C G D
M B R
4 0 1 5 0 C G D
M B R
4 0 2 0 0 C G D UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
RMS
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
DC
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward Current
I
F(AV)
4 0
A
Peak Forward Surge Current:8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
I
FSM
2 0 0
A
M a x i m u m F o r w a rd V o l t a ge 2 0A p e r l e g
V
F
0.7
0 .8
0 .85
0 . 92
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
0.1
20
mA
Typical Thermal Resistance
R
θ
JC
2 . 2
O
C / W
Operating Junction and Storage Temperature
Range
T
J,TSTG
O
C
-5 5 to + 1 5 0
- 5 5 t o + 1 7 5
0 . 05
2 0
www.
dyelec.com


Similar Part No. - MBR4040CGD

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR4040CG ZSELEC-MBR4040CG Datasheet
312Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MBR4040CGD

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MBRF40150AT SKTECHNOLGY-MBRF40150AT Datasheet
552Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF4040CTD DYELEC-MBRF4040CTD Datasheet
879Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR4040CKD DYELEC-MBR4040CKD Datasheet
897Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR4040CTD DYELEC-MBR4040CTD Datasheet
940Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR4020PT PANJIT-MBR4020PT Datasheet
427Kb / 2P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040CT PANJIT-MBR1040CT_17 Datasheet
180Kb / 4P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com