Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241FCDC Datasheet(PDF) 1 Page - Agere Systems

Part # 1241FCDC
Description  Uncooled Laser Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1241FCDC Datasheet(HTML) 1 Page - Agere Systems

  1241FCDC Datasheet HTML 1Page - Agere Systems 1241FCDC Datasheet HTML 2Page - Agere Systems 1241FCDC Datasheet HTML 3Page - Agere Systems 1241FCDC Datasheet HTML 4Page - Agere Systems 1241FCDC Datasheet HTML 5Page - Agere Systems 1241FCDC Datasheet HTML 6Page - Agere Systems 1241FCDC Datasheet HTML 7Page - Agere Systems 1241FCDC Datasheet HTML 8Page - Agere Systems 1241FCDC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
September 1999
1241/1243/1245-Type Uncooled Laser Transmitter
Offering multiple output power options and SONET/SDH com-
patibility, the 1241/1243-Type Uncooled Laser Transmitter is
manufactured in a 20-pin, plastic DIP with a single-mode fiber
pigtail.
Features
s
Backward compatible with 1227/1229/1238-Type
Laser Transmitters
s
Space-saving, self-contained, 20-pin DIP
s
Uses field-proven, reliable InGaAsP MQW laser
s
Requires single 5 V power supply
s
SONET/SDH compatible
s
Uncooled laser with automatic optical power con-
trol for constant output power over case tempera-
ture range
s
No thermoelectric cooler required; reduces size
and power consumption
s
Uses low-power dissipation CMOS technology
s
Qualified to meet the intent of Bellcore reliability
practices
s
Operates over data rates to 1062.5 Mbits/s (NRZ)
s
Operation at 1.3 µm or 1.55 µm wavelength
s
Typical average output power options of –11 dBm,
–8 dBm, –5 dBm, –2 dBm, and 0 dBm
s
ECL compatible, differential inputs
s
Operating temperature range of –40 °C to +85 °C
s
Transmitter-disable option
Applications
s
Telecommunications
— Inter- and intraoffice SONET/ITU-T SDH
— Subscriber loop
— Metropolitan area networks
s
High-speed data communications
— Fibre channel (FC-0)


Similar Part No. - 1241FCDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1241 ETC2-1241 Datasheet
1Mb / 16P
   Drywall Punch
logo
Alpha Wire
1241 ALPHAWIRE-1241 Datasheet
95Kb / 3P
   Customer Specification
9/8/2022
logo
Heyco.
1241 HEYCO-1241 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Schurter Inc.
1241.1022 SCHURTER-1241.1022 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
1241.1032.4 SCHURTER-1241.1032.4 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results

Similar Description - 1241FCDC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com