Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJK2333 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJK2333
Description  P-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJK2333 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJK2333 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJK2333 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJK2333 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJK2333 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJK2333 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.cj-elec.com
1
B,May,2015
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
-3L
Plastic-Encapsulate MOSFETS
CJK
-channel MOSFET
V(BR)DSS
RDS(on)MAX
ID
-12V
28mΩ@-4.5V
-6A
32mΩ@-3.7V
40mΩ@-2.5V
63mΩ@-1.8V
1
50mΩ@-1.5V
MARKING
Equivalent Circuit
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-12
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
-6
Pulsed Drain Current (t=300µs)
IDM
-20
A
0.
4
W
Power Dissipation
PD
Thermal Resistance from Junction to Ambient
RθJA
312.5
℃/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~ +150
APPLICATION
DC/DC Converter
Load Switch for Portable Devices
Battery Switch
FEATURE
TrenchFET Power MOSFET
Excellent RDS(on) and Low Gate Charge
SOT-23-3L
GATE
2. SOURCE
3. DRAIN
1.
Solid dot = Green molding compound device,
if none,the normal device.
A


Similar Part No. - CJK2333

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJK2305 ZPSEMI-CJK2305 Datasheet
1Mb / 3P
   P -Channel 12-V(D-S) MOSFET
logo
Jiangsu Changjiang Elec...
CJK2305 JIANGSU-CJK2305 Datasheet
931Kb / 5P
   P-Channel 8-V(D-S) MOSFET
More results

Similar Description - CJK2333

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com