Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6118 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # V6118
Description  2, 4 and 8 Multiplex LCD Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6118 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button V6118 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
R
V6118
Pin Assignment
Name
Function
S1..S40
LCD outputs, see Table 7
V3
LCD voltage bias level 3 (note 1, 2)
V2
LCD voltage bias level 2 (note 1)
V1
LCD voltage bias level 1 (note 1)
VLCD
Power supply for the LCD
FR
AC input signal for LCD driver output
DI
Serial data input
DO
Serial data output
CLK
Data clock input
STR
Data strobe, blank, synchronize input
VDD
Power supply for logic
COL
Column only driver mode
VSS
Supply GND
Table 9
Note 1
: The V6118 has internal voltage bias level
generation.
When driving large pixels, an external
resistor divider chain can be connected to the voltage
bias level inputs to obtain enhanced display contrast (see
Fig. 12, 13 and 14). The external resistor divider ratio
should be in accordance with the internal resistor ratio
(see Table 8).
Note 2
: V3 is connected internally on the V6118 4.
Name
COL
inactive
COL
active
V6118 (2)
V6118 (4)
V6118 (8)
S1
Row1
Row1
Row1
Col1
S2
Row2
Row2
Row2
Col2
S3
Col1
Row3
Row3
Col3
S4
Col2
Row4
Row4
Col4
S5
Col3
Col1
Row5
Col5
S6
Col4
Col2
Row6
Col6
S7
Col5
Col3
Row7
Col7
S8
Col6
Col4
Row8
Col8
S9…S40
Col7…38
Col5…36
Col1…32
Col9…40
Table 7
LCD Voltage Bias Levels
LCD Drive
Type
LCD Bias
Configuration
)
rms
(
V
V
OFF
OP
(note 1)
)
rms
(
V
)
rms
(
V
OFF
ON
V6118 (2)
n=2
1:2 MUX
Alt + Pleshko
5 levels
3.69
n
1
1
2n
=
2.41
1
n
1
n
=
+
V6118 (4)
n=4
1:4 MUX
1/3 Bias
4 Levels
3
1.73
n
8
1
=
+
V6118 (8)
n=8
1:8 MUX
1/4 Bias
5 Levels
3.4
n
3
1
4
=
+
1.446
3
n
15
n
=
+
+
Table 8
Note 1
: VOP = VLCD - VSS
Copyright
© 2004, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com


Similar Part No. - V6118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V61103C VISHAY-V61103C Datasheet
147Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 22-Dec-2020
V61103C-M3/P VISHAY-V61103C-M3/P Datasheet
147Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 22-Dec-2020
logo
EM Microelectronic - MA...
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V60TBA-3041 EMMICRO-V6116V60TBA-3041 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V6WP11E EMMICRO-V6116V6WP11E Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
More results

Similar Description - V6118

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
   LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
   LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
   LCD driver for low multiplex rates
Rev. 1-23 November 2010
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
   LCD driver for low multiplex rates
1998 Jun 18
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
   Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
   Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
   Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com