Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6118 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # V6118
Description  2, 4 and 8 Multiplex LCD Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6118 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  V6118 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V6118 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
R
V6118
Column Drivers
Outputs
FR Polarity
COL
Column Data
Measured*
Guaranteed
S1 to S40
logic 1
logic 0
logic 1
Sx* - VSS
S1 to S40
logic 0
logic 0
logic 1
VLCD - Sx* ⏐
¦ VLCD - Sx* ¦ = ¦ Sx* - VSS¦ ± 25 mV
S1 to S40
logic 1
logic 0
logic 0
VLCD - Sx* ⏐
S1 to S40
logic 0
logic 0
logic 0
Sx* - VSS
¦ VLCD - Sx* ¦ = ¦ Sx* - VSS¦ ± 25 mV
Table 4a
*Sx = the output number (ie. S1 to S40)
Row Drivers
Outputs
FR Polarity
COL
Column Data
Measured*
Guaranteed
S1 to Sn*
logic 1
logic 1
logic 1
VLCD - Sx ⏐
S1 to Sn*
logic 0
logic 1
logic 1
Sx - VSS
¦ VLCD - Sx ¦ = ¦ Sx - VSS¦ ± 25 mV
S1 to Sn*
logic 1
logic 1
logic 0
Sx - VSS
S1 to Sn*
logic 0
logic 1
logic 0
VLCD - Sx ⏐
¦ VLCD - Sx ¦ = ¦ Sx - VSS¦ ± 25 mV
Table 4b
*n = the V6118 version no. (ie. 2, 4 or 8)
Timing Characteristics
VDD = 5V ± 10%, VLCD = 2 to 8V and TA = -40 to +85°C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Clock high pulse width
tCH
120
ns
Clock low pulse width
tCL
120
ns
Clock and FR rise time
tCR
200
ns
Clock and FR fall time
tCF
200
ns
Data input setup time
tDS
20 (note 1)
ns
Data input hold time
tDH
30 (note 1)
ns
Data output propagation
tPD
CLOAD = 50pF
100
ns
STR pulse width
tSTR
100
ns
CLK falling to STR rising
tP
10
ns
STR falling to CLK falling
tD
200
ns
FR frequency (vers. 2/4/8)
FFR (note 2)
128/256/512
Hz
Table 5a
Note 1
: tDS + tDH minimum must be ≥ 100 ns. If tDS = 20 ns then tDH ≥ 80ns.
Note 2
: V6118 n, FR = n times the desired LCD refresh rate where n is the V6118 version number.
VDD = 2 to 6V, VLCD = 2 to 8V and TA = -40 to +85°C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Clock high pulse width
tCH
500
ns
Clock low pulse width
tCL
500
ns
Clock and FR rise time
tCR
200
ns
Clock and RF fall time
tCF
200
ns
Data input setup time
tDS
100 (note 1)
ns
Data input hold time
tDH
150 (note 1)
ns
Data output propagation
tPD
CLOAD = 50pF
400
ns
STR pulse width
tSTR
500
ns
CLK falling to STR rising
tP
10
ns
STR falling to CLK falling
tD
1
µs
FR frequency (Vers. 2/4/8)
FFR (note 2)
128/256/512
Hz
Table 5b
Note 1
: tDS + tDH minimum must be ≥ 500 ns. If tDS = 100 ns then tDH ≥ 400ns.
Note 2
: V6118 n, FR = n times the desired LCD refresh rate where n is the V6118 version number.
Copyright
© 2004, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com


Similar Part No. - V6118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V61103C VISHAY-V61103C Datasheet
147Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 22-Dec-2020
V61103C-M3/P VISHAY-V61103C-M3/P Datasheet
147Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 22-Dec-2020
logo
EM Microelectronic - MA...
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V60TBA-3041 EMMICRO-V6116V60TBA-3041 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V6WP11E EMMICRO-V6116V6WP11E Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
More results

Similar Description - V6118

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
   LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
   LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
   LCD driver for low multiplex rates
Rev. 1-23 November 2010
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
   LCD driver for low multiplex rates
1998 Jun 18
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
   Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
   Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
   Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com