Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8M35T-600 Datasheet(PDF) 5 Page - DIYI Electronic Technology Co., Ltd.

Part # T8M35T-600
Description  8A TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

T8M35T-600 Datasheet(HTML) 5 Page - DIYI Electronic Technology Co., Ltd.

  T8M35T-600 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. T8M35T-600 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. T8M35T-600 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. T8M35T-600 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. T8M35T-600 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. T8M35T-600 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
CHARACTERISTICS
Mar.2015-REV.01
www.sddydz.com
8A TRIACS
Figure 7. Non repetitive surge peak on-state
current for a sinusoidal
Figure 8. Relative variation of gate trigger
current and gate trigger voltage versus junction
temperature
ITSM(A), I²t (A²s)
10
10
100
100
1000
1000
0.01
0.01
0.10
0.10
1.00
1.00
10.00
10.00
dl /dt limitation: 50 A / µs
I²t
ITSM
Tj initial = 25 °C
tp(ms)
pulse with width t <10 ms, and corresponding value of I²t
p
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
--5
50
0
--25
25
0
0
2
25
5
5
50
0
7
75
5
100
100
125
125
Tj(°C)
IGT Q3
IGT Q1-Q2
IGT Q1-Q2-Q3
typical values
Figure 9. Relative variation of holding current
and latching current versus junction
temperature
Figure 10. Relative variation of static dV/dt
immunity versus junction temperature
] /
T
IH IL
,[ j IH,IL[Tj = 25 °C]
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
--5
50
0
--25
25
0
0
2
25
5
5
50
0
7
75
5
100
100
125
125
Tj(°C)
IL
IH
typical values
dV / dt [Tj] / dV / dt [Tj = 125 °C]
0
1
2
3
4
5
6
7
25
50
75
100
125
VD =VR = 402 V
Tj(°C)
Figure 11. Relative variation of critical rate of
decrease of main current versus junction
temperature
Figure 12. Relative variation of leakage current
versus junction temperature
(dl / dt)c [Tj] / (dl / dt)c [Tj = 125 °C]
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
IDRM/IRRM [Tj;VDRM /VRRM] / IDRM/IRRM
[Tj = 125 °C; 600 V]
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
Tj(°C)
VDRM =VRRM = 600 V
VDRM =VRRM = 400 V
VDRM =VRRM = 200 V
for different values of blocking voltage
T8MxxT600 Series


Similar Description - T8M35T-600

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com