Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMET-22010 Datasheet(PDF) 5 Page - Sanken electric

Part # FMET-22010
Description  Trench Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMET-22010 Datasheet(HTML) 5 Page - Sanken electric

  FMET-22010 Datasheet HTML 1Page - Sanken electric FMET-22010 Datasheet HTML 2Page - Sanken electric FMET-22010 Datasheet HTML 3Page - Sanken electric FMET-22010 Datasheet HTML 4Page - Sanken electric FMET-22010 Datasheet HTML 5Page - Sanken electric FMET-22010 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FMET-22010
FMET-22010-DSE Rev.0.2
SANKEN ELECTRIC CO.,LTD.
5
Apr. 12, 2016
Preliminary
Package Outline
TO220F-3L
NOTES:
1) Dimension is in millimeters.
2) Pin treatment Pb-free. Device composition compliant with the RoHS directive.
Marking Diagram
1
ET2010
Y M D D
3
2
Part Number
Lot Number:
Y is the last digit of the year of manufacture (0 to 9)
M is the month of the year (1 to 9, O, N or D)
DD is the day of the month (01 to 31)


Similar Part No. - FMET-22010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMET-21510 SANKEN-FMET-21510 Datasheet
350Kb / 6P
   Trench Schottky Diode
FMET-23010 SANKEN-FMET-23010 Datasheet
299Kb / 6P
   Trench Schottky Diode
FMET-24010 SANKEN-FMET-24010 Datasheet
292Kb / 6P
   Trench Schottky Diode
More results

Similar Description - FMET-22010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMET-24010 SANKEN-FMET-24010 Datasheet
292Kb / 6P
   Trench Schottky Diode
FMET-21510 SANKEN-FMET-21510 Datasheet
350Kb / 6P
   Trench Schottky Diode
FMET-23010 SANKEN-FMET-23010 Datasheet
299Kb / 6P
   Trench Schottky Diode
logo
SYNC POWER Crop.
SPC6801 SYNC-POWER-SPC6801 Datasheet
229Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
logo
ON Semiconductor
NSR05301MX4 ONSEMI-NSR05301MX4 Datasheet
169Kb / 5P
   Trench-based Schottky Diode, 500 mA, 30 V
October, 2020 ??Rev. 1
logo
IXYS Corporation
L608 IXYS-L608 Datasheet
45Kb / 2P
   Chopper with Trench Power MOSFET and Schottky Diode
logo
STMicroelectronics
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
344Kb / 8P
   100 V - 10 A power Schottky trench diode
Rev 1 - January 2021
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com