Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS110 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 1SS110
Description  Silicon Epitaxial Planar Diode for Tuner Band Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS110 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  1SS110 Datasheet HTML 1Page - Hitachi Semiconductor 1SS110 Datasheet HTML 2Page - Hitachi Semiconductor 1SS110 Datasheet HTML 3Page - Hitachi Semiconductor 1SS110 Datasheet HTML 4Page - Hitachi Semiconductor 1SS110 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1SS110
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
35
V
Forward current
I
F
100
mA
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–65 to +175
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
1.0
V
I
F = 10mA
Reverse voltage
V
R
35
V
I
R = 10µA
Reverse current
I
R
0.1
µAV
R = 25V
Capacitance
C
1.2
pF
V
R = 6V, f = 1MHz
Forward resistance
r
f
0.9
I
F = 2mA, f = 100MHz


Similar Part No. - 1SS110

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1SS110 LRC-1SS110 Datasheet
118Kb / 3P
   Switching Diode
logo
SUNMATE electronic Co.,...
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - 1SS110

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM2692 HITACHI-HSM2692 Datasheet
25Kb / 5P
   Silicon Epitaxial Planar Diode for Tuner Band Switch
HSM2693A HITACHI-HSM2693A Datasheet
25Kb / 5P
   Silicon Epitaxial Planar Diode for Tuner Band Switch
logo
Renesas Technology Corp
HSM2694 RENESAS-HSM2694 Datasheet
63Kb / 5P
   Silicon Epitaxial Planar Diode for Tuner Band Switch
logo
Hitachi Semiconductor
HSM2694 HITACHI-HSM2694 Datasheet
25Kb / 5P
   Silicon Epitaxial Planar Diode for Tuner Band Switch
logo
Renesas Technology Corp
RKS1510DKK RENESAS-RKS1510DKK Datasheet
247Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
HSC277 RENESAS-HSC277 Datasheet
75Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
HSC277 HITACHI-HSC277 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Renesas Technology Corp
RKS152KK RENESAS-RKS152KK Datasheet
182Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS152KJ RENESAS-RKS152KJ Datasheet
180Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS1510DKJ RENESAS-RKS1510DKJ Datasheet
246Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com