Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271UVI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9271UVI
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9271UVI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9271UVI Datasheet HTML 2Page - Xicor Inc. X9271UVI Datasheet HTML 3Page - Xicor Inc. X9271UVI Datasheet HTML 4Page - Xicor Inc. X9271UVI Datasheet HTML 5Page - Xicor Inc. X9271UVI Datasheet HTML 6Page - Xicor Inc. X9271UVI Datasheet HTML 7Page - Xicor Inc. X9271UVI Datasheet HTML 8Page - Xicor Inc. X9271UVI Datasheet HTML 9Page - Xicor Inc. X9271UVI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
X9271
Characteristics subject to change without notice.
6 of 23
REV 1.1.7 2/6/03
www.xicor.com
DEVICE DESCRIPTION
Wiper Counter Register (WCR)
The X9271 contains a Wiper Counter Register for the
DCP potentiometer. The Wiper Counter Register can
be envisioned as a 8-bit parallel and serial load
counter with its outputs decoded to select one of 256
switches along its resistor array. The contents of the
WCR can be altered in four ways: it may be written
directly by the host via the Write Wiper Counter
Register instruction (serial load); it may be written
indirectly by transferring the contents of one of four
associated data registers via the XFR Data Register
instruction (parallel load); it can be modified one step
at a time by the Increment/ Decrement instruction.
Finally, it is loaded with the contents of its Data
Register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9271 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down. Power-
up guidelines are recommended to ensure proper
loadings of the R0 value into the WCR. The DR0 value
of Bank 0 is the default value.
Data Registers (DR3–DR0)
The potentiometer has four 8-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
Data Registers is a nonvolatile operation and will take
a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Bits [7:0] are used to store one of the 256 wiper
positions or data (0 ~255).
Status Register (SR)
This 1-bit Status Register is used to store the system
status.
WIP: Write In Progress status bit, read only.
– When WIP=1, indicates that high-voltage write cycle
is in progress.
– When WIP=0, indicates that no high-voltage write
cycle is in progress
Table 1. Wiper counter Register, WCR (8-bit), WCR[7:0]: Used to store the current wiper position (Volatile, V).
Table 2. Data Register, DR (8-bit), DR[7:0]: Used to store wiper positions or data (Nonvolatile, NV).
Table 3. Status Register, SR (WIP is 1-bit)
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VVVVVVVV
(MSB)
(LSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
WIP
(LSB)


Similar Part No. - X9271UVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271UVI INTERSIL-X9271UVI Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271UVI-2.7 INTERSIL-X9271UVI-2.7 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9271UVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com