Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6342 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 2N6342
Description  TRIACS Silicon Bidirectional Triode Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6342 Datasheet(HTML) 1 Page - Motorola, Inc

  2N6342 Datasheet HTML 1Page - Motorola, Inc 2N6342 Datasheet HTML 2Page - Motorola, Inc 2N6342 Datasheet HTML 3Page - Motorola, Inc 2N6342 Datasheet HTML 4Page - Motorola, Inc 2N6342 Datasheet HTML 5Page - Motorola, Inc 2N6342 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional Triode Thyristors
. . . designed primarily for full-wave ac control applications, such as light dimmers,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Blocking Voltage to 800 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Gate Triggering Guaranteed in Two Modes (2N6342, 2N6343, 2N6344, 2N6345)
or Four Modes (2N6346, 2N6347, 2N6348, 2N6349)
• For 400 Hz Operation, Consult Factory
• 12 Ampere Devices Available as 2N6342A thru 2N6349A
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
*Peak Repetitive Off-State Voltage(1)
(Gate Open, TJ = –40 to +110°C)
1/2 Sine Wave 50 to 60 Hz, Gate Open
2N6342, 2N6346
2N6343, 2N6347
2N6344, 2N6348
2N6345, 2N6349
VDRM
200
400
600
800
Volts
*RMS On-State Current
(TC = +80°C)
Full Cycle Sine Wave 50 to 60 Hz
(TC = +90°C)
IT(RMS)
8
4
Amps
*Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TC = +80°C)
Preceded and followed by Rated Current
ITSM
100
Amps
Circuit Fusing
(t = 8.3 ms)
I2t
40
A2s
*Peak Gate Power (TC = +80°C, Pulse Width = 2 µs)
PGM
20
Watts
*Average Gate Power (TC = +80°C, t = 8.3 ms)
PG(AV)
0.5
Watt
*Peak Gate Current
IGM
2
Amps
*Peak Gate Voltage
VGM
10
Volts
*Operating Junction Temperature Range
TJ
–40 to +125
°C
*Storage Temperature Range
Tstg
–40 to +150
°C
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
REV 1
Order this document
by 2N6342/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
2N6342
thru
2N6349
CASE 221A-04
(TO-220AB)
STYLE 4
TRIACs
8 AMPERES RMS
200 thru 800 VOLTS
MT1
G
MT2


Similar Part No. - 2N6342

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6342 NJSEMI-2N6342 Datasheet
167Kb / 1P
   TO-220AB
logo
Digitron Semiconductors
2N6342 DIGITRON-2N6342 Datasheet
249Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - 2N6342

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
T4120 MOTOROLA-T4120 Datasheet
88Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC320 NJSEMI-MAC320 Datasheet
106Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
MAC228 NJSEMI-MAC228 Datasheet
129Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
T6420 NJSEMI-T6420 Datasheet
95Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
MAC50A NJSEMI-MAC50A Datasheet
92Kb / 2P
   Triacs Silicon Bidirectional Triode Thyristors
2N5571 NJSEMI-2N5571 Datasheet
127Kb / 1P
   TRIACS SILICON BIDIRECTIONAL TRIODE THYRISTORS
T2800 NJSEMI-T2800 Datasheet
637Kb / 2P
   Triacs Bidirectional Triode Thyristors
2N5567 NJSEMI-2N5567 Datasheet
117Kb / 1P
   TRIACS BIDIRECTIONAL TRIODE THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com