Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMUM100GX1P Datasheet(PDF) 10 Page - Sensortechnics GmbH

Part # HMUM100GX1P
Description  Basic pressure sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMUM100GX1P Datasheet(HTML) 10 Page - Sensortechnics GmbH

Back Button HMUM100GX1P Datasheet HTML 6Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 7Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 8Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 9Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 10Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 11Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 12Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 13Page - Sensortechnics GmbH HMUM100GX1P Datasheet HTML 14Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HMU Series
Basic pressure sensors
10/14
E / 11801 / B
www.first-sensor.com
www.sensortechnics.com
HMU...GZ6..., ...AZ6... (DIP, 1 port axial, straight big)
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
dimensions in mm
first angle projection
n
i
P
n
o
i
t
c
e
n
n
o
C
1t
u
o
V
-
2D
N
G
3t
u
o
V
+
4s
V
+
5D
N
G
6D
N
G
7*
C
/
I
8*
C
/
I
2
3
4
7
6
5
8
1
High pressure port
* Internal connection.
Do not connect for
any reason


Similar Part No. - HMUM100GX1P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
HMU-PAT-FH-K100 HIROSE-HMU-PAT-FH-K100 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
HMU-PAT-FH-K101 HIROSE-HMU-PAT-FH-K101 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
HMU-PAT-FH-K102 HIROSE-HMU-PAT-FH-K102 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
HMU-PAT-FH-K103 HIROSE-HMU-PAT-FH-K103 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
More results

Similar Description - HMUM100GX1P

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com