Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMUM350GZ1P Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # HMUM350GZ1P
Description  Basic pressure sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMUM350GZ1P Datasheet(HTML) 5 Page - Sensortechnics GmbH

  HMUM350GZ1P Datasheet HTML 1Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 2Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 3Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 4Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 5Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 6Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 7Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 8Page - Sensortechnics GmbH HMUM350GZ1P Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HMU Series
Basic pressure sensors
5/14
E / 11801 / B
www.first-sensor.com
www.sensortechnics.com
dimensions in mm
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
first angle projection
n
i
P
n
o
i
t
c
e
n
n
o
C
1t
u
o
V
-
2D
N
G
3t
u
o
V
+
4s
V
+
HMU...DU7... (SIL, 2 ports axial opposite side, barbed)
High pressure port


Similar Part No. - HMUM350GZ1P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
HMU-PAT-FH-K100 HIROSE-HMU-PAT-FH-K100 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
HMU-PAT-FH-K101 HIROSE-HMU-PAT-FH-K101 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
HMU-PAT-FH-K102 HIROSE-HMU-PAT-FH-K102 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
HMU-PAT-FH-K103 HIROSE-HMU-PAT-FH-K103 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
More results

Similar Description - HMUM350GZ1P

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com