Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMOP030H Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # PMOP030H
Description  Precision compensated pressure sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PMOP030H Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PMOP030H Datasheet HTML 1Page - Sensortechnics GmbH PMOP030H Datasheet HTML 2Page - Sensortechnics GmbH PMOP030H Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMO Series H-grade
Precision compensated pressure sensors / mV-output
2/3
E / 11737 / B
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS1
.
o
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
2
n
a
p
s
e
l
a
c
s
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
H
.
.
.
4
0
0
H
O
M
PH
n
i
4
.
.
.
0
2Oi
s
p
3V
m
3
2V
m
5
2V
m
7
2
H
.
.
.
3
x
0
P
O
M
Pi
s
p
3
.
0
.
.
.
0i
s
p
3V
m
8
1V
m
0
2V
m
2
2
H
.
.
.
0
1
0
H
O
M
PH
n
i
0
1
.
.
.
0
2Oi
s
p
5V
m
8
1V
m
0
2V
m
2
2
H
.
.
.
1
0
0
P
O
M
Pi
s
p
1
.
.
.
0i
s
p
0
1V
m
6
1V
m
8
1V
m
0
2
H
.
.
.
5
0
0
P
O
M
Pi
s
p
5
.
.
.
0i
s
p
0
2V
m
7
5V
m
0
6V
m
3
6
H
.
.
.
5
1
0
P
O
M
Pi
s
p
5
1
.
.
.
0i
s
p
0
6V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
3
0
P
O
M
Pi
s
p
0
3
.
.
.
0i
s
p
0
6V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
0
1
P
O
M
Pi
s
p
0
0
1
.
.
.
0i
s
p
0
5
1V
m
5
9V
m
0
0
1V
m
5
0
1
H
.
.
.
A
5
1
0
P
O
M
Pa
i
s
p
5
1
.
.
.
0a
i
s
p
0
6V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
A
0
3
0
P
O
M
Pa
i
s
p
0
3
.
.
.
0a
i
s
p
0
6V
m
5
8V
m
0
9V
m
5
9
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
0
.
1
±V
m
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
.
0
±0
.
1
±S
F
%
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T)
C
°
0
5
.
.
.
0
(
5
t
e
s
f
f
O0
.
1
±V
m
n
a
p
S0
.
2
±S
F
%
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
COMMON PERFORMANCE CHARACTERISTICS1
Specification notes:
1.
2.
3.
4.
5.
Reference conditions: unless otherwise noted, supply voltage V
S = 12 V, TA = 25°C, common-mode pressure 0, pressure
applied to port A.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The span is ratiometric to the supply voltage.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
Shifts relative to 25°C.
PMOH004...H
All other devices
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z,
H
.
.
.
0
1
0
H
O
M
P
H
.
.
.
A
.
.
.
P
O
M
P
0
.
1
±
V
m
s
r
e
h
t
o
ll
a5
.
0
±
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
.
0
±0
.
1
±S
F
%
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T)
C
°
0
7
.
.
.
0
(
5
t
e
s
f
f
OH
.
.
.
0
1
0
H
O
M
P5
.
1
±V
m
s
r
e
h
t
o
ll
a0
.
1
±
n
a
p
S0
.
2
±S
F
%
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3


Similar Part No. - PMOP030H

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PMOP030H SENSORTECHNICS-PMOP030H Datasheet
60Kb / 3P
   Precision compensated pressure sensors
More results

Similar Description - PMOP030H

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com