Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF65A4H Datasheet(PDF) 2 Page - Sanken electric

Part # KGF65A4H
Description  Trench Field Stop IGBTs with Fast Recovery Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

KGF65A4H Datasheet(HTML) 2 Page - Sanken electric

  KGF65A4H Datasheet HTML 1Page - Sanken electric KGF65A4H Datasheet HTML 2Page - Sanken electric KGF65A4H Datasheet HTML 3Page - Sanken electric KGF65A4H Datasheet HTML 4Page - Sanken electric KGF65A4H Datasheet HTML 5Page - Sanken electric KGF65A4H Datasheet HTML 6Page - Sanken electric KGF65A4H Datasheet HTML 7Page - Sanken electric KGF65A4H Datasheet HTML 8Page - Sanken electric KGF65A4H Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
KGF65A4H, MGF65A4H, FGF65A4H
xGF65A4H-DSE Rev.1.4
SANKEN ELCTRIC CO., LTD.
2
Oct. 12, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Absolute Maximum Ratings
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Conditions
Rating
Unit
Remarks
Collector to Emitter Voltage
VCE
650
V
Gate to Emitter Voltage
VGE
±30
V
Continuous Collector Current
(1)
IC
TC = 25 °C
65
A
TC = 100 °C
40
A
Pulsed Collector Current
IC(PULSE)
PW ≤ 1 ms,
duty cycle ≤ 1%
120
A
Diode Continuous Forward Current
(1)
IF
TC = 25 °C
40
(2)
A
TC = 100 °C
30
A
Diode Pulsed Forward Current
IF(PULSE)
PW ≤ 1 ms,
duty cycle ≤ 1%
100
A
Short Circuit Withstand Time
tSC
VGE = 15 V,
VCE = 400 V,
TJ = 175 °C
10
μs
Power Dissipation
PD
TC = 25 °C
288
W
MGF65A4H
KGF65A4H
72
FGF65A4H
Operating Junction Temperature
TJ
175
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Thermal Characteristics
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Thermal Resistance of IGBT
(Junction to Case)
RθJC (IGBT)
0.52
°C/W
MGF65A4H
KGF65A4H
2.08
FGF65A4H
Thermal Resistance of Diode
(Junction to Case)
RθJC (Di)
1.15
°C/W
MGF65A4H
KGF65A4H
2.28
FGF65A4H
(1) I
C and IF are determined by the maximum junction temperature for TO3P-3L package.
(2) Determined by bonding wires capability.


Similar Part No. - KGF65A4H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
More results

Similar Description - KGF65A4H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A6H SANKEN-KGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4L SANKEN-KGF65A4L Datasheet
796Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A3H SANKEN-FGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6H SANKEN-MGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A4H SANKEN-FGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3L SANKEN-KGF65A3L Datasheet
784Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A3H SANKEN-MGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6L SANKEN-MGF65A6L Datasheet
675Kb / 14P
   VCE = 650 V, IC = 60 A Trench Field Stop IGBTs with Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com