Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDES250BF3S Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # LDES250BF3S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES250BF3S Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button LDES250BF3S Datasheet HTML 4Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 5Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 6Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 7Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 8Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 9Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 10Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 11Page - Sensortechnics GmbH LDES250BF3S Datasheet HTML 12Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
E / 11815 / E
8/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
Fig. 3: Resistors at both ends of the SPI lines
SPI - SERIAL PERIPHERAL INTERFACE
Introduction
The LDE serial interface is a high-speed synchronous
data input and output communication port. The serial
interface operates using a standard 4-wire SPI bus.
The LDE device runs in SPI mode 0, which requires the
clock line SCLK to idle low (CPOL = 0), and for data to
be sampled on the leading clock edge (CPHA = 0).
Figure 5 illustrates this mode of operation.
Care should be taken to ensure that the sensor is
properly connected to the master microcontroller.
Refer to the manufacturer's datasheet for more
information regarding physical connections.
Application circuit
The use of pull-up resistors is generally unnecessary
for SPI as most master devices are configured for
push-pull mode. If pull-up resistors are required for
use with 3 V LDE devices, however, they should be
greater than 50 k
Ω.
Note: It is important to adhere to the communication protocol in order to avoid damage to the sensor.
There are, however, some cases where it may be
helpful to use 33
Ω series resistors at both ends of the
SPI lines, as shown in Figure 3. Signal quality may be
further improved by the addition of a buffer as shown in
Figure 4. These cases include multiple slave devices
on the same bus segment, using a master device
with limited driving capability and long SPI bus lines.
If these series resistors are used, they must be
physically placed as close as possible to the pins of
the master and slave devices.
Signal control
The serial interface is enabled by asserting /CS low.
The serial input clock, SCLK, is gated internally to
begin accepting the input data at MOSI, or sending
the output data on MISO. When /CS rises, the data
clocked into MOSI is loaded into an internal register.
Fig. 4: Addition of a buffer
SCLK
MOSI
MISO
/CS
SCLK
MOSI
MISO
/CS
Sensor
33
33
33
33
33
33
33
33
SCLK
MOSI
MISO
/CS
SCLK
MOSI
MISO
/CS
Sensor
33
33
33
33
33
33
33
33
33
33
33
33
/OE
/OE
/OE
/OE


Similar Part No. - LDES250BF3S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES250BF3S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com