Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9107D3ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9107D3ML
Description  PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9107D3ML Datasheet(HTML) 6 Page - Torex Semiconductor

  XC9107D3ML Datasheet HTML 1Page - Torex Semiconductor XC9107D3ML Datasheet HTML 2Page - Torex Semiconductor XC9107D3ML Datasheet HTML 3Page - Torex Semiconductor XC9107D3ML Datasheet HTML 4Page - Torex Semiconductor XC9107D3ML Datasheet HTML 5Page - Torex Semiconductor XC9107D3ML Datasheet HTML 6Page - Torex Semiconductor XC9107D3ML Datasheet HTML 7Page - Torex Semiconductor XC9107D3ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
" OPERATIONAL DESCRIPTION
<Error Amp.>
<OSC Generator>
<Ramp Wave Generator>
The Ramp Wave Generator generates a saw-tooth waveform based on outputs from the OSC Generator.
<PWM Comparator>
<PWM/PFM Controler>
<Vref 1 with Soft Start>
TSS = 8.65 x Vref + 2.21
[Example Computation]
Vref = 0.9V, TSS = 8.65 x 0.9 + 2.21 = 10.0 ms
<Enable Function>
6
XC9106 / 07 Series
PWM Control, PWM/PFM Switching Control,
Step-up DC/DC Converters
This function controls the operation and shutdown of the IC. When the voltage of the CE pin drops to 0.2V or less, disable mode will be entered, the
IC's operations will stop and the EXT pin will be kept at a low level (the external N-type MOSFET will be OFF) . When the IC is in a state of chip
disable, current consumption will be no more than 1.0
µA.
When the CE pin's voltage rises to 0.65V or more, enable mode will be entered and operations will recommence. The CE pin also doubles with
reference voltage in the XC9106/9107 series, and the range of reference voltage can be varied externally from 0.8V to 2.5V.
The XC9106/9107 series alters soft start times by the setting value of reference voltage in order to protect against voltage overshoot and also to
protect against inrush current. Please determine soft start time by the formula equation.
Error Amplifier is designed to monitor the output voltage, comparing the feedback voltage (FB) with the reference voltage Vref. In response to
feedback of a voltage lower than the reference voltage Vref, the output voltage of the error amp. decreases.
This circuit generates the internal reference clock.
The PWM Comparator compares outputs from the Error Amp. and saw-tooth waveform. When the voltage from the Error Amp's output is low, the
external switch will be set to ON.
This circuit generates PFM pulses.
The PWM/PFM automatic switching mode switches between PWM and PFM automatically depending on the load. PWM/PFM control turns into
PFM control when threshold voltage becomes lower than voltage of error amps. Noise is easily reduced with PWM control since the switching
frequency is fixed. Because of the function, control suited to the application can easily be selected. The series suitable for noise sensitive portable
audio equipment as PWM control can suppress noise during operation and PWM/PFM switching control can reduce consumption current during light
loads in stand-by.
The reference voltage of the XC9106/9107 series is adjusted and fixed by external applied voltage. (For output voltage settings, please refer to the
output voltage setting on page 7.)
To protect against inrush current, when the power is switched on, and also to protect against voltage overshoot, soft-start time is set internally to
10ms. It should be noted, however, that this circuit does not protect the load capacitor (CL) from inrush current. With the Vref voltage limited, and
depending upon the input to error amp, the operation maintains a balance between the two inputs of error amps and controls the EXT pin's ON time
so that it doesn't increase more than is necessary.
The XC9106 / 07 series are reference voltage (Vref) apply external step-up DC/DC Controler ICs. Output voltage will be set with external resistors
(RFB1 and 2) and Vref value. The series make it easy to control output voltage externally and are suited to software applications that need to vary
voltage such as LCD power supply for PDA.
Externally Applied Reference Voltage (Vref)
XC9106 / XC9107D xxx MR
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Reference Voltage Vref (V)
Semiconductor Ltd.
Semiconductor Ltd.


Similar Part No. - XC9107D3ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9107D TOREX-XC9107D Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results

Similar Description - XC9107D3ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106_1 Datasheet
297Kb / 11P
   PWM Control,PWM/PFM Switching Control, Step-Up DC/DC Converters, Externally Applied Vref
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Shenzhen Huazhimei Semi...
HM3410C HMSEMI-HM3410C Datasheet
848Kb / 7P
   PWM/PFM control DC-DC buck regulator
HM3416H HMSEMI-HM3416H Datasheet
1Mb / 11P
   PWM/PFM Control DC-DC Buck Converter
HM3410B HMSEMI-HM3410B Datasheet
1Mb / 10P
   PWM/PFM Control DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com