Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5358A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5358A
Description  96kHz 24-Bit ?誇 ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5358A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5358A_08 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5358A_08 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
[AK5358A]
ABSOLUTE MAXIMUM RATINGS
(AGND=DGND=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
VA
−0.3
6.0
V
Digital
VD
−0.3
6.0
V
|AGND – DGND|
(Note 2)
ΔGND
-
0.3
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (AINL, AINR, CKS1 pins)
VINA
−0.3
VA+0.3
V
Digital Input Voltage
(Note 3)
VIND
−0.3
VD+0.3
V
Ambient Temperature (powered applied)
Ta
−20
85
°C
Storage Temperature
Tstg
−65
150
°C
Note 1. All voltages with respect to ground.
Note 2. AGND and DGND must be connected to the same analog ground plane.
Note 3. PDN, DIF, MCLK, SCLK, LRCK, CKS0, CKS2 pins
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND=DGND=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
Analog
VA
4.5
5.0
5.5
V
(Note 4)
Digital
VD
2.7
5.0
VA
V
Note 4. The power up sequence between VA and VD is not critical.
WARNING: AKEMD assumes no responsibility for the usage beyond the conditions in this datasheet.
MS0511-E-02
2008/01
- 4 -


Similar Part No. - AK5358A_08

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358AET AKM-AK5358AET Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
More results

Similar Description - AK5358A_08

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com