Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320M642AGNZ5 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320M642AGNZ5
Description  Video/Imaging Fixed-Point Digital Signal Processor
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320M642AGNZ5 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320M642AGNZ5 Datasheet HTML 1Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 2Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 3Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 4Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 5Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 6Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 7Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 8Page - Texas Instruments TMS320M642AGNZ5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 178 page
background image
www.ti.com
Contents
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
1
TMS320DM642 Video/Imaging Fixed-Point Digital
5
DM642 Peripheral Information and Electrical
Signal Processor
......................................... 1
Specifications
........................................... 72
1.1
Features
.............................................. 1
5.1
Parameter Information
.............................. 72
5.2
Recommended Clock and Control Signal Transition
1.2
Description
............................................ 2
Behavior
............................................. 74
1.2.1
Device Compatibility
................................. 3
5.3
Power Supplies
...................................... 74
1.3
Functional Block Diagram
............................ 4
5.4
Enhanced Direct Memory Access (EDMA) Control-
2
Device Overview
......................................... 6
ler
.................................................... 79
2.1
Device Characteristics
................................ 6
5.5
Interrupts
............................................ 83
2.2
CPU (DSP Core) Description
......................... 7
5.6
Reset
................................................ 85
2.3
Memory Map Summary
............................. 13
5.7
Clock PLL
........................................... 88
2.4
Bootmode
........................................... 16
5.8
External Memory Interface (EMIF)
.................. 94
2.5
Pin Assignments
.................................... 16
5.9
Multichannel Audio Serial Port (McASP0) Periph-
2.6
Development
........................................ 50
eral
................................................. 110
3
Device Configurations
................................. 54
5.10
Inter-Integrated Circuit (I2C)
....................... 118
3.1
Configurations at Reset
............................. 54
5.11
Host-Port Interface (HPI)
.......................... 124
3.2
Configurations After Reset
.......................... 56
5.12
Peripheral Component Interconnect (PCI)
........ 130
3.3
Peripheral Configuration Lock
....................... 59
5.13
Multichannel Buffered Serial Port (McBSP)
....... 134
3.4
Device Status Register Description
................. 61
5.14
Video Port
......................................... 143
3.5
Multiplexed Pin Configurations
...................... 63
5.15
VCXO Interpolated Control (VIC)
.................. 151
3.6
Debugging Considerations
.......................... 65
5.16
Ethernet Media Access Controller (EMAC)
........ 153
3.7
Configuration Examples
............................. 66
5.17
Management Data Input/Output (MDIO)
.......... 159
4
Device Operating Conditions
........................ 70
5.18
Timer
............................................... 161
4.1
Absolute Maximum Ratings Over Operating Case
5.19
General-Purpose Input/Output (GPIO)
............ 163
Temperature Range
5.20
JTAG
............................................... 166
(Unless Otherwise Noted)
.......................... 70
Revision History
............................................ 168
4.2
Recommended Operating Conditions
............... 70
6
Mechanical Data
....................................... 170
4.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
6.1
Thermal Data
...................................... 170
Temperature (Unless Otherwise Noted)
............ 71
6.2
Packaging Information
............................. 171
Contents
5


Similar Part No. - TMS320M642AGNZ5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320 TI-TMS320 Datasheet
555Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
[Old version datasheet]   Precision Digital Sine- Wave Generation with the TMS32010
TMS32020 TI-TMS32020 Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TMS32020 TI-TMS32020 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320M642AGNZ5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com