Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMIP001BX5H3 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # HMIP001BX5H3
Description  HMIM100U
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIP001BX5H3 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  HMIP001BX5H3 Datasheet HTML 1Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 2Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 3Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 4Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 5Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 6Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 7Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 8Page - Sensortechnics GmbH HMIP001BX5H3 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HMI Series
Amplified pressure sensors
4/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
I²C Interface Parameters
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
l
e
v
e
l
h
g
i
h
t
u
p
n
I
0
90
0
1
s
V
f
o
%
l
e
v
e
l
w
o
l
t
u
p
n
I
00
1
l
e
v
e
l
w
o
l
t
u
p
t
u
O
0
1
r
o
t
s
i
s
e
r
p
u
-
ll
u
P
15
k
A
D
S
@
e
c
n
a
t
i
c
a
p
a
c
d
a
o
L
C
A
D
S
0
0
4
F
p
L
C
S
/
A
D
S
@
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
C
N
I
_
C
2
I
0
1
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
F
L
C
S
*
0
0
10
0
4z
H
k
n
o
i
t
i
d
n
o
c
T
R
A
T
S
d
n
a
P
O
T
S
n
e
e
w
t
e
b
e
m
i
t
e
e
r
f
s
u
B
t
F
U
B
3
.
1
s
µ
,
n
o
i
t
i
d
n
o
c
T
R
A
T
S
)
d
e
t
a
e
p
e
r
(
e
m
i
t
d
l
o
He
s
l
u
p
k
c
o
l
c
t
s
r
i
f
o
t
t
A
T
S
.
D
H
8
.
0
L
C
S
f
o
d
o
i
r
e
p
W
O
L
t
W
O
L
3
.
1
L
C
S
f
o
d
o
i
r
e
p
H
G
I
H
t
H
G
I
H
6
.
0
n
o
i
t
i
d
n
o
c
T
R
A
T
S
d
e
t
a
e
p
e
r
e
m
i
t
p
u
t
e
S
t
A
T
S
.
U
S
1
e
m
i
t
d
l
o
h
a
t
a
D
t
T
A
D
.
D
H
0
e
m
i
t
p
u
t
e
s
a
t
a
D
t
T
A
D
.
U
S
2
.
0
L
C
S
d
n
a
A
D
S
h
t
o
b
f
o
e
m
i
t
e
s
i
R
t
R
3
.
0
L
C
S
d
n
a
A
D
S
h
t
o
b
f
o
e
m
i
t
ll
a
F
t
F
3
.
0
n
o
i
t
i
d
n
o
c
P
O
T
S
r
o
f
e
m
i
t
p
u
t
e
S
t
O
T
S
.
U
S
6
.
0
tHD;STA
tSU;DAT
tHD;DAT
tSU;STA
tR
tF
SCL
SDA
tHIGH
tLOW
tSU;STO
tBUF
tHD;STA
SDA
SCL
Note: First Sensor recommends communication speeds of at least 100 kHz (max. 400 kHz).
Please contact us for further information.
* recommended
Fig. 2:
Timing characteristics


Similar Part No. - HMIP001BX5H3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIP63BCTO SCHNEIDER-HMIP63BCTO Datasheet
218Kb / 4P
   Modular box PC, Harmony P6, standard Intel Core i3 8145UE, 2 Core, 4 Threads, for configured products
May 2, 2022
HMIP65BCTO SCHNEIDER-HMIP65BCTO Datasheet
316Kb / 5P
   Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP67BCTO SCHNEIDER-HMIP67BCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Core i7 8665UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP6CBCTO SCHNEIDER-HMIP6CBCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
May 2, 2022
HMIPELCZLSPMZZ SCHNEIDER-HMIPELCZLSPMZZ Datasheet
148Kb / 2P
   Professional buildtime license, EcoStruxure Operator Terminal Expert, Printed
Sep 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com