Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPD7005C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD7005C
Description  SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD7005C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD7005C Datasheet HTML 1Page - Central Semiconductor Corp CMPD7005C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINAR
Y
PRELIMINAR
Y
CMPD7005
CMPD7005A
CMPD7005C
CMPD7005S
SURFACE MOUNT
VERY HIGH VOLTAGE
SILICON SWITCHING DIODE
SOT-23 CASE
Central
Semiconductor Corp.
TM
R1 (8-February 2005)
DESCRIPTION:
The Central Semiconductor CMPD7005,
CMPD7005A, CMPD7005C and CMPD7005S
are silicon switching diodes with various diode
configurations, manufactured by the epitaxial
planar process and packaged in an epoxy
molded SOT-23 surface mount case. These
devices are designed for applications requiring
high voltage switching diodes.
The following configurations are available:
CMPD7005
SINGLE
MARKING CODE: C7005
CMPD7005A
DUAL, COMMON ANODE
MARKING CODE: C705A
CMPD7005C
DUAL, COMMON CATHODE
MARKING CODE: C705C
CMPD7005S
DUAL, IN SERIES
MARKING CODE: C705S
MAXIMUM RATINGS PER DIODE: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
500
V
Peak Repetitive Reverse Voltage
VRRM
500
V
Continous Forward Current
IF
100
mA
Peak Repetitive Forward Current
IFRM
300
mA
Forward Surge Current, tp=1.0 µs
IFSM
4.0
A
Forward Surge Current, tp=1.0 s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=400V
100
nA
IR
VR=400V, TA=150°C
100
µA
BVR
IR=1.0µA
500
V
VF
IF=10mA
1.0
V
VF
IF=50mA
1.2
V
VF
IF=100mA
1.4
V
CT
VR=0V, f=1.0 MHz
5.0
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
500
ns


Similar Part No. - CMPD7005C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD7000 CENTRAL-CMPD7000 Datasheet
77Kb / 2P
   DUAL SILICON SWITCHING DIODE SERIES CONNECTION
CMPD7000E CENTRAL-CMPD7000E Datasheet
125Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
CMPD7000E CENTRAL-CMPD7000E_10 Datasheet
470Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMPD7000E CENTRAL-CMPD7000E_15 Datasheet
470Kb / 2P
   SILICON SWITCHING DIODES
CMPD7000 CENTRAL-CMPD7000_10 Datasheet
395Kb / 2P
   SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
More results

Similar Description - CMPD7005C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD7006 CENTRAL-CMDD7006 Datasheet
102Kb / 2P
   SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD7006 CENTRAL-CMHD7006 Datasheet
104Kb / 2P
   SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD7006 CENTRAL-CMPD7006 Datasheet
110Kb / 2P
   SURFACE MOUNT VERY HIGH VOLTAGE SILICO SWITCHING DIODE
CLL2003 CENTRAL-CLL2003_10 Datasheet
304Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMOD2005 CENTRAL-CMOD2005 Datasheet
344Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2003 CENTRAL-CMPD2003_10 Datasheet
590Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMOD2005 CENTRAL-CMOD2005_15 Datasheet
494Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CLL2003 CENTRAL-CLL2003_15 Datasheet
304Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2004 CENTRAL-CMPD2004 Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_11 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com