Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU64987GWZ Datasheet(PDF) 3 Page - Rohm

Part # BU64987GWZ
Description  Bi-directional VCM driver for Auto focus
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64987GWZ Datasheet(HTML) 3 Page - Rohm

  BU64987GWZ Datasheet HTML 1Page - Rohm BU64987GWZ Datasheet HTML 2Page - Rohm BU64987GWZ Datasheet HTML 3Page - Rohm BU64987GWZ Datasheet HTML 4Page - Rohm BU64987GWZ Datasheet HTML 5Page - Rohm BU64987GWZ Datasheet HTML 6Page - Rohm BU64987GWZ Datasheet HTML 7Page - Rohm BU64987GWZ Datasheet HTML 8Page - Rohm BU64987GWZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/21
TSZ02201-0K1K0B601860-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
6. Oct.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BU64987GWZ
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD
-0.5 to +2.5
V
Control Input voltage(Note1)
VIN
-0.5 to +5.5
V
Power Dissipation
Pd
0.32(Note2)
W
Operating Temperature Range
Topr
-25 to +85
°C
Junction Temperature
Tjmax
125
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Output Current
IOUT
+200, -200(Note3)
mA
(Note 1) VIN is 2-wire serial interface input pins (SCL, SDA).
(Note 2) UCSP30L1 package. Derate by 3.2 mW/°C when operating above Ta=25°C (when mounted in ROHM’s standard board).
(Note 3) Must not exceed Pd, ASO, or Tjmax of 125°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD
+1.6 to +1.98
V
Control Input Voltage(Note1)
VIN
0.0 to +4.8
V
2-wire Serial Interface
Frequency
FCLK
1
MHz
Output Current
IOUT
+100, -100(Note3)
mA
(Note 1) VIN is 2-wire serial interface input pins (SCL, SDA).
(Note 3) Must not exceed Pd, ASO, or Tjmax of 125°C.


Similar Part No. - BU64987GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64985GWZ ROHM-BU64985GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64985GWZ-TR ROHM-BU64985GWZ-TR Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
More results

Similar Description - BU64987GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64985GWZ ROHM-BU64985GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64297GWZ ROHM-BU64297GWZ Datasheet
1Mb / 17P
   Bi-directional VCM driver for Auto focus
13. Nov.2014 Rev.001
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
   Bi-directional VCM Driver for Autofocus
BU64292GWZ ROHM-BU64292GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
logo
ON Semiconductor
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com