Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU97981MUV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BU97981MUV-E2
Description  Multi-function LCD Segment Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97981MUV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BU97981MUV-E2 Datasheet HTML 3Page - Rohm BU97981MUV-E2 Datasheet HTML 4Page - Rohm BU97981MUV-E2 Datasheet HTML 5Page - Rohm BU97981MUV-E2 Datasheet HTML 6Page - Rohm BU97981MUV-E2 Datasheet HTML 7Page - Rohm BU97981MUV-E2 Datasheet HTML 8Page - Rohm BU97981MUV-E2 Datasheet HTML 9Page - Rohm BU97981MUV-E2 Datasheet HTML 10Page - Rohm BU97981MUV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7/46
BU97981xxx Series
MAX 196 segments (SEG49xCOM4)
Datasheet
TSZ02201-0A2A0D300110-1-2
10.Apr.2015 Rev.006
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Electrical Characteristics – Continued
DC characteristics (Ta=-30°C to +75°C, VDD=1.8V to 3.6V, VLCD=3.3V to 5.5V, VSS=0)
(BU97981MUV)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
“H” level Input Voltage
VIH
0.8VDD
-
VDD
V
SD, SCL, CSB, TEST1,CLKIN, INHb
“L” level Input Voltage
VIL
VSS
-
0.2VDD
V
SD, SCL, CSB, TEST1,CLKIN, INHb
Hysteresis Width
VH
-
0.2
-
V
SCL, INHb, VDD=3.3V, Ta=25°C
“H” level Input Current
IIH1
-
-
5
µA
SD, SCL, CSB, CLKIN, INHb,
VI=3.6V
“L” level Input Current
IIL1
-5
-
-
µA
SD, SCL, CSB, CLKIN, INHb, TEST1,
VI=0V
“H” Level Output Voltage
(Note1&3)
VOH1
VLCD
-0.4
-
-
V
Iload=-50µA, VLCD=5.0V
SEG0 to SEG41,
Unused integrated regulator
VOH2
VLCD
-0.4
-
-
V
Iload=-50µA, VLCD=5.0V,
COM0 to COM3,
Unused integrated regulator
VOH3
VLCD
-0.6
-
-
V
Iload=-1mA,VLCD=5.0V,
SEG12 to SEG38 (GPO mode)
Unused integrated regulator
“L” Level Output Voltage
(Note3)
VOL1
-
-
0.4
V
Iload= 50µA, VLCD=5.0V, SEG0 to SEG41
VOL2
-
-
0.4
V
Iload= 50µA, VLCD=5.0V, COM0 to COM3
VOL3
-
-
0.5
V
Iload=1mA, VLCD=5.0V,
SEG12 to SEG38 (GPO mode), PWMOUT
VOL4
-
0.11
0.5
V
Iload=20mA, VLCD=5.0V,
SEG39 to SEG41 (LED drive mode)
Current Consumption
(Note2)
IstVDD
-
3
10
µA
Input terminal ALL‟L‟,
Display off, Oscillation off
IstVLCD
-
0.5
5
µA
Input terminal ALL‟L‟,
Display off, Oscillation off
IVDD1
-
8
15
µA
VDD=3.3V, Ta=25
°C, 1/3bias, fFR=64Hz,
PWM generate off,
All output pin open
IVDD2
-
90
130
µA
VDD=3.3V, Ta=25
°C, 1/3bias, fFR=64Hz,
PWM Frequency=500Hz setting,
All output pin open
IVLCD1
-
10
15
µA
VLCD=5.0V, Ta=25
°C, 1/3bias, fFR=64Hz,
Unused Integrated regulator,
LED generate off,
All output pin open
IVLCD2
-
25
40
µA
VLCD=5.0V, Ta=25
°C, 1/3bias, fFR=64Hz,
Used Integrated regulator,
LED generate off,
All output pin open
IVLCD3
-
30
48
µA
VLCD=5.0V, Ta=25
°C,1/3bias, fFR=64Hz,
Used Integrated regulator,
PWM Frequency=500Hz setting,
All output pin open
(Note1) Integrated regulator using case, please add load regulation value to output voltage listed above.
(Note2) Power save mode 1 and frame inversion setting
(Note3) Iload: In case, load current from only one port


Similar Part No. - BU97981MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97981MUV-E2 ROHM-BU97981MUV-E2 Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
More results

Similar Description - BU97981MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91501KV-M ROHM-BU91501KV-M Datasheet
2Mb / 34P
   Multi- function LCD Segment Drivers
BU91510KV-M ROHM-BU91510KV-M Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
BU97510CKV-M ROHM-BU97510CKV-M_16 Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU97981XXX ROHM-BU97981XXX Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97550KV-M ROHM-BU97550KV-M_15 Datasheet
4Mb / 73P
   Multi-function LCD Segment Drivers
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
   Multi-function Segment Drivers
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com