Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMIP100UX6H3 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # HMIP100UX6H3
Description  HMIM100U
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIP100UX6H3 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  HMIP100UX6H3 Datasheet HTML 1Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 2Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 3Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 4Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 5Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 6Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 7Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 8Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HMI Series
Amplified pressure sensors
2/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS2
(T
A=25 °C, RH=50 %,
for HMI...3 devices (V
S=3.0 VDC) digital output signal is non-ratiometric to VS in the range of VS =2.7...4.2 V,
for HMI...5 devices (V
S=5.0 VDC) digital output signal is non-ratiometric to VS in the range of VS =4.2...5.5 V)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
9
0
6
10
0
5
6
15
0
9
6
1
s
t
n
u
o
c
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
5
0
0
0
7
2
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a5
9
5
9
20
0
0
0
35
0
4
0
3
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a5
9
5
20
0
0
35
0
4
3
All HMI...U... (unidirectional devices)
All HMI...B... (bidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
9
5
20
0
0
35
0
4
3
s
t
n
u
o
c
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
5
0
0
0
7
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F5
9
5
9
20
0
0
0
35
0
4
0
3
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
4
.
.
.
U
0
0
1
M
I
M
Hr
a
b
m
0
0
1
.
.
.
0r
a
b
2
.
.
.
B
0
0
1
M
I
M
Hr
a
b
m
0
0
1
±
.
.
.
0r
a
b
2
.
.
.
U
0
5
2
M
I
M
Hr
a
b
m
0
5
2
.
.
.
0r
a
b
2
.
.
.
B
0
5
2
M
I
M
Hr
a
b
m
0
5
2
±
.
.
.
0r
a
b
2
.
.
.
U
1
0
0
B
I
M
Hr
a
b
1
.
.
.
0r
a
b
5
.
.
.
B
1
0
0
B
I
M
Hr
a
b
1
±
.
.
.
0r
a
b
5
.
.
.
U
5
x
2
B
I
M
Hr
a
b
5
.
2
.
.
.
0r
a
b
0
1
.
.
.
U
5
0
0
B
I
M
Hr
a
b
5
.
.
.
0r
a
b
4
1
.
.
.
U
0
1
0
B
I
M
Hr
a
b
0
1
.
.
.
0r
a
b
4
1
.
.
.
U
1
0
0
P
I
M
Hi
s
p
1
.
.
.
0i
s
p
0
3
.
.
.
B
1
0
0
P
I
M
Hi
s
p
1
±
.
.
.
0i
s
p
0
3
.
.
.
U
0
0
1
P
I
M
Hi
s
p
0
0
1
.
.
.
0i
s
p
0
0
2
Other pressure ranges (e.g. 500 mbar, 5 psi, 150 psi) are available on request. Please contact First Sensor.
PRESSURE SENSOR CHARACTERISTICS
(T
A=25 °C, RH=50 %)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
y
t
i
r
a
e
n
il
-
n
o
N)
C
°
5
8
.
.
.
0
2
-
(
6
5
2
.
0
±
S
S
F
%
y
c
a
r
u
c
c
A
7
5
2
.
0
±
)
C
°
5
8
.
.
.
0
2
-
(
y
c
a
r
u
c
c
a
l
a
t
o
T
8
5
.
1
±
y
a
l
e
d
e
s
n
o
p
s
e
R
9
5
.
0s
m
n
o
i
t
u
l
o
s
e
r
D
/
A
2
1t
i
b
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C3
.
.
.
I
M
H5
.
4
A
m
5
.
.
.
I
M
H3
.
5


Similar Part No. - HMIP100UX6H3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIP63BCTO SCHNEIDER-HMIP63BCTO Datasheet
218Kb / 4P
   Modular box PC, Harmony P6, standard Intel Core i3 8145UE, 2 Core, 4 Threads, for configured products
May 2, 2022
HMIP65BCTO SCHNEIDER-HMIP65BCTO Datasheet
316Kb / 5P
   Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP67BCTO SCHNEIDER-HMIP67BCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Core i7 8665UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP6CBCTO SCHNEIDER-HMIP6CBCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
May 2, 2022
HMIPELCZLSPMZZ SCHNEIDER-HMIPELCZLSPMZZ Datasheet
148Kb / 2P
   Professional buildtime license, EcoStruxure Operator Terminal Expert, Printed
Sep 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com