Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-9900 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DS-9900
Description  9900 Series Oval Flowmeter/Transmitter with SMART METER MANAGER?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DS-9900 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DS-9900 Datasheet HTML 1Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 2Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 3Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 4Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 5Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Brodie Smart Meter Manager (SMM)Technology
2-wire, loop-powered device for ease of wiring and
installation
4-20 mA analog output with Bell-202 modulated
HART communication channel
User selectable 0% and 100% analog output ranges
with optional smoothing
Flexible (mix & match) units of measure for flowrates,
totals, temperatures, densities, etc.
Capability for two flow totalizers: Resettable and
inventory
User configurable, scalable pulse output for various
engineering units
Comprehensive alarms for both process flow and
internal diagnostic checks
Flowmeters are supplied with the SMM mounted within
the explosion proof UMB enclosure.
Capabilities include:
Volumetric and Mass Measurement in selected en-
gineering units
Automatic Temperature Compensation
Analog and Pulse Output to remote instrumentation
Diagnostic and System Alarms
2-Wire Mass or Volume Output
Model 275 Hand-held Interface
The Smart Meter Manager provides multivariable flow
measurement capabilities that include net/gross volume,
low flow cutoff, temperature compensation, accumulative
and resettable totalization, product density and mass flow
inference. All measure parmeters are factory set with the
capability of field programming. The BERT must be
located remotely.
PRINCIPLE OF OPERATION
The Oval Flowmeter accurately measures liquid flow by
using a slight pressure differential to rotate a pair of oval
gears located within the measuring chamber. Each
complete rotation of the gears (rotors) displaces a fixed
amount of liquid from the inlet to the outlet of the meter in
a continuous flow pattern. When in the position as shown
in Figure 1, Diagram 1, all of the driving torque resulting
from differential pressure is applied to Gear A. Gear B
has zero driving torque since equal areas of gear surface
on opposite sides of the axis of rotation are exposed to
higher inlet pressure. As the gears begin to rotate
(Diagram 2), the torque applied to Gear A decreases but
Gear B now has driving torque due to increased area
exposed to the high pressure. At the position shown in
Diagram 3, all of the driving torque is exerted on Gear B
and Gear A has decreased to zero. This alternate driving
action provides a smooth rotation of almost constant
torque without dead spots.
Because slippage between the gears and the wall is
minimal, the meter is essentially unaffected by the
viscosity and lubricity of the liquids being metered.
Figure 1 Principle of Operation
SPECIFICATIONS
FLOWMETER
Viscosity
Basic viscosity classifications include:
Standard viscosity class from 0.2 to 500 centipoise
High viscosity class above 500 centipoise
Materials of Construction
Body: Stainless Steel CF8M w/Polyurethane Paint
Rotors: 316 Stainless Steel
Shafts: 316 Stainless Steel (Standard), Chrome Plated
(Optional)
Rotor Bearings: Carbon (Standard) Waukesha or Carbon
Ceramic (Optional) for corrosive/abrasive products
O-rings: Viton® (Standard), Teflon®, EPR, Silicon
(Optional) See Model Meter Code.
Capacities: See Tables 1A (Mass) and 1B (Volumetric)
Performance
Accuracy: ±0.25% on viscosities of 5 centipoise and
above
±0.05% on viscosities from 0.2 to 5 centipoise
Repeatability: ±0.05% or better
Accuracy vs. Pressure Drop: See Figure 3
Ratings
Maximum Working Temperature
(Limited to electronics)
Process Operating Temperature
Class A: -40 to 230°F (-40 to 110°C)
Class C: 230 to 356°F (110 to 180°C)
Ambient Operating Temperature:
-40°F to 150°F (-40°C to 65°C)
Storage Temperature:
-58°F to 175°F (-50°C to 79°C)
Diagram 1
Diagram 2
Diagram 3


Similar Part No. - DS-9900

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-980 ADVANTECH-DS-980 Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GB-00A1E ADVANTECH-DS-980GB-00A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GF-U3A1E ADVANTECH-DS-980GF-U3A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GF-U4A1E ADVANTECH-DS-980GF-U4A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GL-00A1E ADVANTECH-DS-980GL-00A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
More results

Similar Description - DS-9900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
   Intelligent Manager Smart PMU/GPIO
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Linear Technology
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com