Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMIB005UX1H5 Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # HMIB005UX1H5
Description  HMIM100U
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIB005UX1H5 Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button HMIB005UX1H5 Datasheet HTML 4Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 5Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 6Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 7Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 8Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 9Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 10Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 11Page - Sensortechnics GmbH HMIB005UX1H5 Datasheet HTML 12Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HMI Series
Amplified pressure sensors
8/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
HMI...X7... (SIL, 1 port axial, barbed)
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
dimensions in mm
first angle projection
High pressure port
n
i
P
n
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3L
C
S
4A
D
S


Similar Part No. - HMIB005UX1H5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIBMIEA5DD1001 SCHNEIDER-HMIBMIEA5DD1001 Datasheet
110Kb / 5P
   Modular box PC, Harmony iPC, IIoT DC Base unit 4 GB
May 2, 2022
HMIBMIEA5DD100A SCHNEIDER-HMIBMIEA5DD100A Datasheet
113Kb / 5P
   Modular box PC, Harmony iPC, IIoT DC Base unit 4 GB
May 2, 2022
HMIBMIEA5DD1101 SCHNEIDER-HMIBMIEA5DD1101 Datasheet
64Kb / 3P
   Modular box PC, Harmony iPC, IIoT eMMC DC Windows
Oct 17, 2021
HMIBMIEA5DD110L SCHNEIDER-HMIBMIEA5DD110L Datasheet
113Kb / 5P
   Modular box PC, Harmony iPC, IIoT eMMC DC Windows
May 2, 2022
HMIBMIEA5DD1E01 SCHNEIDER-HMIBMIEA5DD1E01 Datasheet
64Kb / 3P
   Modular box PC, Harmony iPC, IIoT Edge Smart eMMC DC Windows TPM
Oct 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com