Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1318 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1318
Description  DCC read amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1318 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1318 Datasheet HTML 1Page - NXP Semiconductors TDA1318 Datasheet HTML 2Page - NXP Semiconductors TDA1318 Datasheet HTML 3Page - NXP Semiconductors TDA1318 Datasheet HTML 4Page - NXP Semiconductors TDA1318 Datasheet HTML 5Page - NXP Semiconductors TDA1318 Datasheet HTML 6Page - NXP Semiconductors TDA1318 Datasheet HTML 7Page - NXP Semiconductors TDA1318 Datasheet HTML 8Page - NXP Semiconductors TDA1318 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
April 1996
5
Philips Semiconductors
Preliminary specification
DCC read amplifier
TDA1318
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
DCC data amplifiers
For DCC operation the TDA1318 has eight channels for
the main data and one channel for the auxiliary data. The
eight main data channels have low-noise preamplifiers,
pre-equalisation for frequencies from 1 kHz to 50 kHz
(1st order high-pass filter,
−3 dB point 75 kHz) and
low-pass filtering for anti-aliasing (2nd order active,
−3dB
point 120 kHz). The auxiliary channel has a preamplifier
with a flat frequency response. A continuous output
(OUTX) is available for this channel. All inputs are
differential and must be AC-coupled to the MRHs. The
inputs are internally biased by V14.
Automatic gain control
The DCC part is equipped with an AGC circuit which
diminishes the gain of the DCC preamplifiers when the
level at output RDMUX exceeds a preset value.
In this way, an optimum voltage swing at the RDMUX
output is obtained. The response time of the AGC can be
set by an external capacitor at pin 43. There is a fixed
relation between the source and sink current at this pin.
This results in a fixed relationship between decay and
recovery time of the gain. The AGC can be switched off by
connecting pin 43 to VSS. In this condition the preamplifier
gains are maximum, as specified in Chapter
“Characteristics”.
Multiplexer
A multiplexing circuit switches the nine digital channels
sequentially to the output. The AUX data is switched to the
output buffer during two clock periods, the eight main data
channels are all sampled for one clock period. The
effective sample frequency is one tenth of the clock
frequency at RDCLK. Multiplexer timing is illustrated in
Fig.4.


Similar Part No. - TDA1318

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Similar Description - TDA1318

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16631 HITACHI-HA16631 Datasheet
700Kb / 20P
   Read Amplifier
logo
NXP Semiconductors
TZA1000 PHILIPS-TZA1000 Datasheet
132Kb / 24P
   QIC read-write amplifier
1998 Mar 17
logo
New Japan Radio
NJM3470 NJRC-NJM3470 Datasheet
163Kb / 3P
   FDD READ AMPLIFIER SYSTEM
logo
NXP Semiconductors
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
   Drive processor for DCC systems
May 1994
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Rohm
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com