Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPOD420S Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SPOD420S
Description  Standard and Universal Surge Protective Device Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPOD420S Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SPOD420S Datasheet HTML 1Page - Cooper Bussmann, Inc. SPOD420S Datasheet HTML 2Page - Cooper Bussmann, Inc. SPOD420S Datasheet HTML 3Page - Cooper Bussmann, Inc. SPOD420S Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.cooperbussmann.com/surge
3
Series
SPOD = Standard
Terminal
Location
MCOV
Terminal length
Optional visual
indicator tab
Optional remote
contact signaling
150
270
320
420
550
S = short (5.6mm)
L = long (16.8mm)
T = yes
Blank = none
R = yes (normally open)
Blank = none
Standard SurgePOD Module Catalog Number System
SPOD
320
S
T
R
Bussmann SurgePOD
Standard and Universal Modules
Technical Data 1170
Effective March 2015
Series
SPODU = Universal
terminal
location
MCOV
Terminal length
Optional visual
indicator tab
Optional remote
contact signaling
150
270
320
420
550
M = mini (3.4mm)
S = short (5.6mm)
T = yes
Blank = none
R = yes (normally open)
Blank = none
Enclosure Height
2 = tall
Blank = short
Universal SurgePOD Module Catalog Number System
SPODU
320
M
T
R
2
DIM A
2X 0.037
0.94
2X 0.325
8.26
1.000
25.40
PCB Layout
PCB Layouts
PCB “A” Dimension - in (mm)
SPOD (Standard module)
SPODU (Universal module)
Part Number
DIM A
±0.030 (±0.76)
Part Number
DIM A
±0.030 (±0.76)
SPOD150XXX
0.339 (8.61)
SPODU150XXX
0.410 (10.42)
SPOD270XXX
0.377 (9.58)
SPODU270XXX
0.399 (10.14)
SPOD320XXX
0.377 (9.58)
SPODU320XXX
0.399 (10.14)
SPOD420XXX
0.424 (10.77)
SPODU420XXX
0.400 (10.16)
SPOD550XXX
0.425 (10.80)
SPODU550XXX
0.402 (10.21)
SPOD Standard microswitch terminal PCB layout
0.195
[4.9]
0.747
[18.97]
0.184
[4.67]
SPODU Universal microswitch terminal PCB layout
0.195
4.95
0.448
11.37
0.141
3.59
Standard & Universal terminal PCB layout


Similar Part No. - SPOD420S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPOD80A ETC2-SPOD80A Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
SPOD80A-NNNNV-C ETC2-SPOD80A-NNNNV-C Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
More results

Similar Description - SPOD420S

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
   SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1320 BOURNS-1320 Datasheet
259Kb / 2P
   DC Power Surge Protective Device
logo
Eaton All Rights Reserv...
BSPD48RJ45 EATON-BSPD48RJ45 Datasheet
1Mb / 2P
   Universal RJ45 data signal surge protective device for ethernet cable systems
August 2018
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1250-XS-120 BOURNS-1250-XS-120 Datasheet
389Kb / 3P
   General Duty AC Surge Protective Device
logo
Lite-On Technology Corp...
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com