Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPOD420L Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SPOD420L
Description  Standard and Universal Surge Protective Device Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPOD420L Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SPOD420L Datasheet HTML 1Page - Cooper Bussmann, Inc. SPOD420L Datasheet HTML 2Page - Cooper Bussmann, Inc. SPOD420L Datasheet HTML 3Page - Cooper Bussmann, Inc. SPOD420L Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cooperbussmann.com/surge
2
Technical Data 1170
Effective March 2015
Bussmann SurgePOD
Standard and Universal Modules
Specifications for SurgePOD Standard and Universal Modules
Color Code
Blue
Green
Yellow
Red
Brown
Maximum Continuous Operating Voltage MCOV (V
rms)
150V
270V
320V
420V
550V
Nominal system voltage @ 50/60Hz (V
rms)
120V
220V
277V
347V
480V
Nominal discharge current rating 8/20µs (I
n)
20kA
20kA
20kA
20kA
20kA
Max discharge current rating 8/20µs (I
max)
50kA
50kA
50kA
50kA
50kA
Short-Circuit Current Rating (SCCR)
200kA
200kA
200kA
200kA
200kA
Voltage Protection Rating (VPR)
600V
900V
1200V
1500V
1500V
Catalog symbols
SPOD (Standard module)
SPODU (Universal module)
Ratings
See ratings table
Agency information
UL Recognized, 1449 3rd Edition Type 1 Surge Protective Device;
E340782
Flammability rating
UL 94V0
Terminal material
Nickel-plated copper
Storage and operating temperature range
-25°C to +85°C
Traceability
Each SurgePOD SPD module is marked with a serial number for
identification and tracking
Options
Remote contact signaling is accomplished with a Normally Open
(NO) microswitch that closes upon the module reaching an
overvoltage breakdown condition.
Local visual indication is accomplished with indicating tabs that
protrude through the device’s top upon the module reaching an
overvoltage breakdown condition.
Packaging
200 units per master pack
Additional information
The SurgePOD module may be damaged by excessive
mechanical shock or rough handling. To ensure integrity of
finished device, do NOT install any SurgePOD module that was
dropped or abused during assembly.
Suitability for final application of a SurgePOD module to be
determined by the OEM.
Optional Local Visual Indication Tabs
Standard and Universal modules
SurgePOD device under
normal operation.
Local visual indication
tabs exposed upon
reaching an overvoltage
breakdown condition.


Similar Part No. - SPOD420L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPOD80A ETC2-SPOD80A Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
SPOD80A-NNNNV-C ETC2-SPOD80A-NNNNV-C Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
More results

Similar Description - SPOD420L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
   SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1320 BOURNS-1320 Datasheet
259Kb / 2P
   DC Power Surge Protective Device
logo
Eaton All Rights Reserv...
BSPD48RJ45 EATON-BSPD48RJ45 Datasheet
1Mb / 2P
   Universal RJ45 data signal surge protective device for ethernet cable systems
August 2018
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1250-XS-120 BOURNS-1250-XS-120 Datasheet
389Kb / 3P
   General Duty AC Surge Protective Device
logo
Lite-On Technology Corp...
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com