Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPODU270SR2 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # SPODU270SR2
Description  Standard and Universal Surge Protective Device Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPODU270SR2 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  SPODU270SR2 Datasheet HTML 1Page - Cooper Bussmann, Inc. SPODU270SR2 Datasheet HTML 2Page - Cooper Bussmann, Inc. SPODU270SR2 Datasheet HTML 3Page - Cooper Bussmann, Inc. SPODU270SR2 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Eaton’s Bussmann Business
114 Old State Road
Ellisville, MO 63021
United States
www.bussmann.com
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 1170 — BU-SB14228
March 2015
The only controlled copy of this Data Sheet is the electronic read-only version located on the
Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected,
it should be tested by the user in all possible applications.
Technical Data 1170
Effective March 2015
Bussmann SurgePOD
Standard and Universal Modules
1.280±0.012
32.51±0.30
0.957±0.025
24.30±0.64
0.732±0.025
18.60±0.64
0.280
7.11
0.280
7.11
0.667
16.94
MIN 0.100
2.54
MIN 0.236
6.00
1.684
42.77
0.627±0.010
15.92±0.25
1.700 0.005
[43.08 0.13]
0.238±0.039
6.04±1.00
Long
Terminals
Short
Terminals
0.507
12.87
DIM "A"
0.068
1.71
0.133
3.37
0.280
7.11
0.280
7.11
0.22±0.05
5.58±1.27
Standard module dimensions - in [mm]
Tolerance is ± 0.005” [0.13mm] unless otherwise stated.
Universal module dimensions - in [mm]
Tolerance is ± 0.005” [0.13mm] unless otherwise stated.
0.057±0.025
1.45±0.63
0.112±0.020
2.84±0.51
0.512±0.015
13.00±0.38
DIM "A"
1.700 0.005
[43.08 0.13]
0.238±0.039
6.04±1.00
MIN 0.236
6.00
MIN 0.100
[2.54]
1.728±0.005
43.89±0.13
0.627 .005
[15.93 0.13]
0.955±0.025
24.25±0.64
0.730±0.025
18.55±0.64
0.135±0.015
3.43±0.38
0.280±0.005
7.11±0.13
0.280±0.005
7.11±0.13
1.280±0.012
32.51±0.30
Tall housing shown.
1.684
42.77
*Short enclosure height
(omits standoffs)
** Tall enclosure height
(includes standoffs)
*
**
SPOD Standard lead spacing
dimension A
Part
Number
“A”
Min
Max
SPOD150XXX
7.08
8.52
SPOD270XXX
8.01
9.51
SPOD320XXX
7.98
9.52
SPOD420XXX
9.25
10.64
SPOD550XXX
9.26
10.72
SPODU Universal lead spacing
dimension A
Part
Number
“A”
± 0.03 [0.76]
SPODU150XXX
0.410 [10.42]
SPODU270XXX
0.399 (10.14)
SPODU320XXX
0.399.[10.14]
SPODU420XXX
0.400 [10.16]
SPODU550XXX
0.402 [10.21]


Similar Part No. - SPODU270SR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPOD80A ETC2-SPOD80A Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
SPOD80A-NNNNV-C ETC2-SPOD80A-NNNNV-C Datasheet
1Mb / 17P
   80-Channels Dot Matrix Column/Row OLED Driver
More results

Similar Description - SPODU270SR2

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
   SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1320 BOURNS-1320 Datasheet
259Kb / 2P
   DC Power Surge Protective Device
logo
Eaton All Rights Reserv...
BSPD48RJ45 EATON-BSPD48RJ45 Datasheet
1Mb / 2P
   Universal RJ45 data signal surge protective device for ethernet cable systems
August 2018
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1250-XS-120 BOURNS-1250-XS-120 Datasheet
389Kb / 3P
   General Duty AC Surge Protective Device
logo
Lite-On Technology Corp...
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com