Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

183J16 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 183J16
Description  Low Voltage P.C. Board Mounted Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

183J16 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  183J16 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
183J16ww
183J16
www.hammondmfg.com
Low Voltage P.C. Board Mounted Power Transformer
Connection Information
183 Series Power Transformers
Secondary Connections - 183 Series Transformers
Primary Connections - 183 Series Transformers
1
4
3
6
12
10
9
7
PRI
SEC
115 VAC
Primary Wiring for 115V
(Parallel Connection)
1
4
3
6
12
10
9
7
PRI
SEC
230 VAC
Primary Wiring for 230V
(Series Connection)
1
4
3
6
12
10
9
7
PRI
SEC
Secondary Wiring
(Parallel Connection)
1
4
3
6
12
10
9
7
PRI
SEC
Secondary Wiring
(Series Connection)
Mechanical - inches (mm)
L
2.63 (66.8)
W
2.19 (55.6)
H
1.56 (39.6)
A
0.55 (14)
B
0.28 (7.1)
C
1.68 (42.7)
M
- (-)
N
1.75 (44.5)
P
2.19 (55.6)
Pin Size
0.045 (1.1)
Screw Type
#6
Weight
1.15 lbs. / 0.52 kg
Electrical
Size (VA)
30
Primary
115 / 230 VAC
Sec (Series)
16V C.T. @ 1.9A
Sec (Parallel)
8V @ 3.8A
Key Features:
Universal operation on 50/60Hz, 115 or 230V
dual primary for worldwide use.
Low Profile, split bobbin with top shroud design
Dual winding secondary, non-concentrically
wound.
Low Primary to secondary coupling with no elec-
tro-static shield required.
High Insulation - Hipot of 4,000V RMS
Class F Insulation - 155 degrees C.
P.C. Board mount with industry standard pin
spacing.
Agency listings: cURus, CE, and TUV.
N
M
P
W
NOTE: Pin numbers are not on the unit. Instead,
look for the paint dot. It is always on the
secondary side. (pins 12-7).
1
3
4
6
12
10
9
7


Similar Part No. - 183J16

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
183J16 HAMMOND-183J16 Datasheet
287Kb / 2P
   Low Voltage - P.C. Board Mount (183 Series)
More results

Similar Description - 183J16

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G16 HAMMOND-183G16 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183E10 HAMMOND-183E10 Datasheet
294Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G10 HAMMOND-183G10 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183E36 HAMMOND-183E36 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183K20 HAMMOND-183K20 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183H10 HAMMOND-183H10 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183H20 HAMMOND-183H20 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183H16 HAMMOND-183H16 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183H12 HAMMOND-183H12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G12 HAMMOND-183G12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com