Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGF65A4L Datasheet(PDF) 10 Page - Sanken electric

Part # FGF65A4L
Description  Trench Field Stop IGBTs with Fast Recovery Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FGF65A4L Datasheet(HTML) 10 Page - Sanken electric

Back Button FGF65A4L Datasheet HTML 6Page - Sanken electric FGF65A4L Datasheet HTML 7Page - Sanken electric FGF65A4L Datasheet HTML 8Page - Sanken electric FGF65A4L Datasheet HTML 9Page - Sanken electric FGF65A4L Datasheet HTML 10Page - Sanken electric FGF65A4L Datasheet HTML 11Page - Sanken electric FGF65A4L Datasheet HTML 12Page - Sanken electric FGF65A4L Datasheet HTML 13Page - Sanken electric FGF65A4L Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
KGF65A4L, MGF65A4L, FGF65A4L
xGF65A4L-DSE Rev.1.0
SANKEN ELCTRIC CO., LTD.
10
Oct. 03, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Figure 22.
Switching Loss vs. Collector Current
Figure 23.
Switching Loss vs. Gate Resistor
Figure 24.
Switching Loss vs. Collector-Emitter
Voltage
Figure 25.
Diode Forward Characteristics
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Collector Current, I
C (A)
Eon
Eoff
Inductive Load
V
CE = 400 V, VGE = 15 V,
Rg = 10 Ω, T
J = 175 °C
Eon + Eoff
0
1
2
3
4
5
6
10
20
30
40
50
60
70
80
90
100
Gate Resistor, R
G (Ω)
Eon + Eoff
Eoff
Eon
Inductive Load
I
C = 40 A, VCE = 400 V,
V
GE = 15 V, TJ = 175 °C
0
1
2
3
4
5
6
200
250
300
350
400
450
500
Collector-Emitter Voltage, V
CE (V)
Eon
Eoff
Inductive Load
I
C = 40 A, VGE = 15 V, Rg
= 10 Ω, T
J = 175 °C
Eon + Eoff
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Forward Voltage, V
F (V)
T
J = 175 °C
T
J = 25 °C
T
J = -55 °C


Similar Part No. - FGF65A4L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGF65A4H SANKEN-FGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A4H SANKEN-FGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
More results

Similar Description - FGF65A4L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A6H SANKEN-KGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A4H SANKEN-MGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A3H SANKEN-FGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6H SANKEN-MGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A4H SANKEN-FGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3L SANKEN-KGF65A3L Datasheet
784Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A3H SANKEN-MGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6L SANKEN-MGF65A6L Datasheet
675Kb / 14P
   VCE = 650 V, IC = 60 A Trench Field Stop IGBTs with Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com