Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5565LD Datasheet(PDF) 3 Page - Sanken electric

Part # LC5565LD
Description  Integrated on-time control circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5565LD Datasheet(HTML) 3 Page - Sanken electric

  LC5565LD Datasheet HTML 1Page - Sanken electric LC5565LD Datasheet HTML 2Page - Sanken electric LC5565LD Datasheet HTML 3Page - Sanken electric LC5565LD Datasheet HTML 4Page - Sanken electric LC5565LD Datasheet HTML 5Page - Sanken electric LC5565LD Datasheet HTML 6Page - Sanken electric LC5565LD Datasheet HTML 7Page - Sanken electric LC5565LD Datasheet HTML 8Page - Sanken electric LC5565LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SANKEN ELECTRIC CO., LTD.
LC5560LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5560LD
Series
November 26, 2012
Electrical Characteristics of Control Part Unless specifically noted, TA is 25°C, VCC is 20 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
2 – 1
13.8
15.1
17.3
V
Operation Stop Voltage*
VCC(OFF)
2 – 1
8.4
9.4
10.7
V
Circuit Current in Operation
ICC(ON)
2 – 1
4.7
mA
Startup Circuit Operation Voltage
VSTARTUP
8 – 1
18
21
24
V
Startup Current
ICC(STARTUP) VCC = 13 V
2 – 1
−8.5
−4.0
−1.5
mA
Startup Current Threshold Biasing
Voltage*
VCC(BIAS)
2 – 1
9.5
11.0
12.5
V
Normal Operation
PWM Operation Frequency
fOSC
LC5565LD
8 – 1
60
72
84
kHz
LC5566LD
50
60
70
kHz
Maximum On-Time
tON(MAX)
LC5565LD
8 – 1
8.0
9.3
11.2
μs
LC5566LD
9.0
11.2
13.4
μs
COMP Pin Control Minimum Voltage
VCOMP(MIN)
4 – 1
0.30
0.55
0.80
V
Error Amplifier Reference Voltage
VSEN(TH)
6 – 1
0.312
0.335
0.358
V
Error Amplifier Source Current
ISEN(SOURCE)
4 – 1
−22
−14
−6
μA
Error Amplifier Sink Current
ISEN(SINK)
4 – 1
6
14
22
μA
Leading Edge Blanking Time
tON(LEB)
3 – 1
600
ns
Quasi-Resonant Operation Threshold
Voltage-1
VBD(TH1)
3 – 1
0.14
0.24
0.34
V
Quasi-Resonant Operation Threshold
Voltage-2
VBD(TH2)
3 – 1
0.11
0.16
0.21
V
Protection Operation
OCP Pin Overcurrent Protection
(OCP) Threshold Voltage
VOCP
3 – 1
−0.66
−0.60
−0.54
V
OCP Pin Source Current
IOCP
3 – 1
−120
−40
−10
μA
OCP Pin Overvoltage Protection
(OVP) Operation Voltage
VBD(OVP)
3 – 1
2.2
2.6
3.0
V
Overload Protection (OLP) Threshold
Voltage
VCOMP(OLP)
4 – 1
4.1
4.5
4.9
V
ISENSE Pin OVP Threshold Voltage
VSEN(OVP)
6 – 1
1.6
2.0
2.4
V
VCC Pin OVP Threshold Voltage
VCC(OVP)
2 – 1
28.5
31.5
34.0
V
Thermal Shutdown Activating
Temperature
TJ(TSD)
135
°C
*VCC(BIAS) > VCC(OFF) always.


Similar Part No. - LC5565LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results

Similar Description - LC5565LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
   Constant ON-time control
July 2009 Rev 4
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
   Constant On Time PWM Control
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711_07 Datasheet
1Mb / 21P
   Ballast Control Integrated Circuit
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
   Engine Control Integrated Circuit
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Changyuntong Semiconduc...
CYT8011TG CYT-CYT8011TG Datasheet
632Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
CYT8012TG CYT-CYT8012TG Datasheet
570Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
logo
NTE Electronics
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com